Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

950 Datasheet(PDF) 2 Page - HAKKO Corporation

Part # 950
Description  TIP MAINTENANCE AND CLEANING PROCEDURES
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAKKO [HAKKO Corporation]
Direct Link  https://www.hakko.com/
Logo HAKKO - HAKKO Corporation

950 Datasheet(HTML) 2 Page - HAKKO Corporation

  950 Datasheet HTML 1Page - HAKKO Corporation 950 Datasheet HTML 2Page - HAKKO Corporation 950 Datasheet HTML 3Page - HAKKO Corporation 950 Datasheet HTML 4Page - HAKKO Corporation 950 Datasheet HTML 5Page - HAKKO Corporation 950 Datasheet HTML 6Page - HAKKO Corporation 950 Datasheet HTML 7Page - HAKKO Corporation 950 Datasheet HTML 8Page - HAKKO Corporation 950 Datasheet HTML 9Page - HAKKO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
2
Hakko prides itself in the consistently high quality of the materials and workmanship
that go into its products, which include our various soldering and desoldering tips.
Hakko tips are designed and manufactured for maximum heat conductivity,
performance, and life.
TIP MAINTENANCE AND CLEANING PROCEDURES
SELECTING THE PROPER TIP FOR THE JOB.
–
Short tips with larger dimensions will provide better heat transfer and
performance than longer, thinner tips.
–
One common problem is not matching the tip size to the job. This can
cause a drop in the performance of your soldering irons and affect the
reliability of your work.
–
Matching the tip size and configuration to the job is as important as any
other aspect of soldering, and in many cases is more important. Always
use a tip as wide and thick as possible, making sure that it does not
interfere with components or overlap the pad and touch the board.
KEEP TIPS ‘WET’.
–
Applying solder to the working surface of the tip will prevent oxidation and
impurities from building up. This promotes long tip life.
KEEP TIPS CLEAN.
–
Stroking the tip surface across a clean and properly damp cellulose
sponge will keep flux residues, solder impurities, and oxidation from
forming on the surface of the tip. Immediately re-wet the tip with solder
after wiping, or before any extended period when the iron will not be used.
BASIC STYLE OF “HAKKO” SOLDERING IRON TIPS
SHAPE ‘A’
SHAPE ‘B’
SHAPE ‘C’
SHAPE ‘D’
Pyramid
Type
Conical
Type
Bevel
Type
Chisel
Type
* These tips are tinned
on the flat only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com