| Electronic Components Datasheet Search |
|
HTMS1001FUG/AM Datasheet(PDF) 13 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
HTMS1001FUG/AM Datasheet(HTML) 13 Page - NXP Semiconductors |
|
13 / 57 page ![]() HTMS1x01_8x01 All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet COMPANY PUBLIC Rev. 3.4 — 21 May 2015 152934 13 of 57 NXP Semiconductors HTMS1x01; HTMS8x01 HITAG µ transponder IC 9.2 Memory configuration The user configuration block consists of one configurable byte (Byte0) and three reserved bytes (Byte1 to Byte3) The bits in the user configuration block enable a customized configuration of the HITAG µ transponder ICs. In TTF mode the user can choose Bi-phase or Manchester encoding and also the data rate for the return link (bit0 to bit2). In RTF mode data rate and coding are fixed with 4 kbit/s Manchester encoding. Fitting to ISO 11785 standard the default values are set for 4 kbit/s Bi-Phase encoding. The next four bits (bit 3 to bit 6) are used for password settings. Three areas (TTF area(128bit), lower 512 bits and upper memory) can be restricted to read/write access. The user configuration block (User Config) is programmable by using WRITE SINGLE BLOCK command at address FFh. Bits 7 to 31 (Byte1 to Byte3) are reserved for further usage. The user configuration block (block address FFh) and the password block (block address FEh) can be locked with the LOCK BLOCK command. Attention: • Pre-programmed default values are not locked ! • Configuration block has to be locked to make data unalterable! • The lock of the blocks is permanently and therefore irreversible! [1] PWD(w)=1: read without password and write with password [2] PWD(r/w)=1: read and write with password Table 8. User configuration block to Byte0 Byte0 Description bit6 bit5 bit4 bit3 bit2 bit1 ... 0 Bit-no. PWD (r/w) [2] Bit512… Max PWD (w) [1] Bit512… Max PWD (w) [1] Bit128… 511 PWD (w) [1] Bit0… 127 Encoding Data rate 0… MCH 1… Bi-Ph. ’00’… 2kbit/s ’01’… 4kbit/s ’10’… 8kbit/s Value/meaning |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |