Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1001FUG/AM Datasheet(PDF) 14 Page - NXP Semiconductors

Part # HTMS1001FUG/AM
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1001FUG/AM Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button HTMS1001FUG/AM Datasheet HTML 10Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 11Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 12Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 13Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 14Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 15Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 16Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 17Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
14 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
10. General requirements
The HITAG
 transponder ICs are compatible with ISO 11785. At the time a HITAG 
transponder IC is in the interrogator field it will respond according to ISO 11785.
A HITAG
 advanced/advanced+ can be identified as a transponder being in the data
exchange mode (advanced mode) by the type information in the reserved bit field sent to
the RWD.
• Bit 15 of the ISO 11784 frame shall be set to ’1’ indicating that this is an HITAG µ
advanced/advanced+ in data exchange mode.
• Bit 16 of the ISO 11784 frame (additional data flag set to ’1’, indicating that the
HITAG µ advanced/advanced+ in data exchange mode contains additional data in the
user memory area.
To bring the HITAG µ transponder ICs into the data exchange mode, the RWD needs to
send a valid request or a valid switch command within the defined listening window.
A HITAG µ transponder IC in data exchange mode only responds when requested by the
RWD (RTF mode).
The identification code, all communication from reader to HITAG µ transponder ICs and
vice versa and the CRC error detection bits (if applicable) are transmitted starting with
LSB first.
In the case that multiple HITAG µ advanced/advanced+ in data exchange mode are in the
interrogation field which cause collisions the RWD has to start the anticollision procedure
as described in this document. Depending in which part of the ISO 11785 timing frame the
collision is detected the RWD will start with the anticollision request.
The HITAG
 transponder IC in data exchange mode switches back to the standard
ISO 11785 mode when it :
• is no longer in the interrogation field
• has terminated the data exchange mode operations and the interrogation field was
switched off for at least 5 ms afterwards
11. HITAG
 transponder IC air interface
11.1 Downlink description
To transfer the HITAG µ transponder ICs into the data exchange mode, the RWD's
interrogation field needs be switched off. After this off-period, the interrogation field is
switched on again, and either the SOF at the start of a valid request or the special switch
command needs to be sent to the HITAG µ transponder IC within the specified switch time
window. The HITAG µ transponder IC switches itself into the data exchange mode upon
reception of any of the switch commands. In this mode, the HITAG µ transponder IC
respond when requested by the RWD (reader driven protocol).
The HITAG µ transponder IC in data exchange mode switches back to the ISO 11785
mode after the interrogation field has been switched off for at least 5 ms.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com