Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HTMS1001FUG/AM Datasheet(PDF) 53 Page - NXP Semiconductors

Part # HTMS1001FUG/AM
Description  HITAG μ transponder IC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

HTMS1001FUG/AM Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button HTMS1001FUG/AM Datasheet HTML 49Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 50Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 51Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 52Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 53Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 54Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 55Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 56Page - NXP Semiconductors HTMS1001FUG/AM Datasheet HTML 57Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
HTMS1x01_8x01
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
COMPANY PUBLIC
Rev. 3.4 — 21 May 2015
152934
53 of 57
NXP Semiconductors
HTMS1x01; HTMS8x01
HITAG µ transponder IC
23. Revision history
Table 55:
Revision history
Document ID
Release date
Data sheet status
Change notice
Supersedes
HTMS1x01_8x01
v. 3.4
20150521
Product data sheet
-
HTMS1x01_8x01
v. 3.3
Modifications:
• Section 5 “Ordering information”: 210 pF product versions removed
• Section 14.12 Table 44 “GET SYSTEM INFORMATION - response format”: ICR codes added
• Section 19.1 Table 50 “Marking SOT1122”: 210 pF product versions removed
• Section 19.2 Table 53 “Marking HVSON2”: update and 210 pF product versions removed
HTMS1x01_8x01
v. 3.3
20141017
Product data sheet
-
HTMS1x01_8x01
v. 3.2
Modifications:
• Section 24 “Legal information”: License statement “ICs with HITAG functionality” removed
HTMS1x01_8x01
v. 3.2
20120703
Product data sheet
-
H152931_HITAGµ
Modifications:
• Section 9.2 “Memory configuration”: updated
• Section 14.9 “LOCK BLOCK”: updated
• Some modifications done to comply with HTMS1x01_HTSMS8x01 short data sheet
152931
20100114
Product data sheet
152930
Modifications:
• Section 6 “Ordering information”: updated
• Section 10 “Mechanical specification”, Section 21 “Marking” and Section 22
“Package outline”: added
• A number of tables have been redesigned.
152930
20090716
Product data sheet
152912
Modifications:
• Section 3.6 “Delivery types”: remove delivery types
• Section 6 “Ordering information”: remove delivery types SOT1122 and
SOT732-1
• Section 15.2 “State diagram HITAG m advanced/advanced+”: Note added
• Section 19 “Limiting values”: move input current to table 42
• Section 17 “Package outline”: removed
• Section 20 “Legal information”: update
152912
20090619
Objective data sheet
152911
Modifications:
• General update
• The drawings have been redesigned to comply with the new identity guidelines
of NXP Semiconductors.
152911
20090225
Objective data sheet
-
152910
Modifications:
• General update
152910
20090114
Objective data sheet
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com