Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERJS12 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ERJS12
Description  Anti-Sulfurated Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJS12 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ERJS12 Datasheet HTML 1Page - Panasonic Semiconductor ERJS12 Datasheet HTML 2Page - Panasonic Semiconductor ERJS12 Datasheet HTML 3Page - Panasonic Semiconductor ERJS12 Datasheet HTML 4Page - Panasonic Semiconductor ERJS12 Datasheet HTML 5Page - Panasonic Semiconductor ERJS12 Datasheet HTML 6Page - Panasonic Semiconductor ERJS12 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Anti-Sulfurated Thick Film Chip Resistors
a
b
t
W
L
Ratings
(1) Rated Continuous Working Voltage (RCWV) shall be determined from RCWV=√Power Rating
× Resistance Values, or Limiting Element Voltage listed above, whichever less.
(2) Overload Test Voltage (OTV) shall be determined from OTV=Specified Magnification (refer to performance)
× RCWV or Maximum Overload Voltage listed above, whichever less.
(3) Use it on the condition that the case temperature is below the upper category temperature.
(1) Use it on the condition that the case temperature is below the upper category temperature.
· Rated Continuous Working Voltage (RCWV) shall be determined from RCWV = Power Rating
× Resistance Values.
· Overload Test Voltage (OTV) shall be determined from OTV = Specified Magnification (refer to performance)
× RCWV.
Part No.
(inch size)
Power
Rating
(3)
at 70 °C
(W)
Limiting
Element
Voltage
(1)
(V)
Maximum
Overload
Voltage
(2)
(V)
Resistance
Tolerance
(%)
Resistance
Range
(
Ω)
T.C.R.
(
×10
-6/°C )
Category
Temperature
Range
(°C)
AEC-Q200
Grade
ERJU01
(0201)
0.05
25
50
±1
10 to 1M
(E24, E96)
<10
Ω:
–100 to +600
10
Ω to 1 MΩ:
±200(±5 %)
±100(±0.5, ±1 %)✽
✽ERJU01,
ERJS02,
ERJU02 :
±200
1 M
Ω<:
–400 to +150
–55 to +125
–
±5
1 to 1M
(E24)
ERJS02
ERJU02
(0402)
0.1
50
100
±0.5, ±1
1 to 1M
(E24, E96)
–55 to +155
Grade 0
±5
1 to 3.3M
(E24)
ERJS03
ERJU03
(0603)
0.1
75
150
±0.5, ±1
1 to 1M
(E24, E96)
–55 to +155
Grade 0
±5
1 to 10M
(E24)
ERJS06
ERJU06
(0805)
0.125
150
200
±0.5, ±1
1 to 1M
(E24, E96)
–55 to +155
Grade 0
±5
1 to 10M
(E24)
ERJS08
ERJU08
(1206)
0.25
200
400
±0.5, ±1
1 to 1M
(E24, E96)
–55 to +155
Grade 0
±5
1 to 10M
(E24)
ERJS14
ERJU14
(1210)
0.5
200
400
±0.5, ±1
1 to 1M
(E24, E96)
–55 to +155
Grade 0
±5
1 to 10M
(E24)
ERJS12
ERJU12
(1812)
0.75
200
500
±0.5, ±1
1 to 1M
(E24, E96)
–55 to +155
Grade 0
±5
1 to 10M
(E24)
ERJS1D
ERJU1D
(2010)
0.75
200
500
±0.5, ±1
1 to 1M
(E24, E96)
–55 to +155
Grade 0
±5
1 to 10M
(E24)
ERJS1T
ERJU1T
(2512)
1.0
200
500
±0.5, ±1
1 to 1M
(E24, E96)
–55 to +155
Grade 0
±5
1 to 10M
(E24)
Thick film
resistive element
Electrode (Inner)
Au-based :
ERJS type
Ag-Pd-based:
ERJU type
Electrode (Outer)
Electrode
(Between)
Alumina substrate
Protective coating
Part No.
Dimensions (mm)
Mass (Weight)
[g/1000 pcs.]
LWa
b
t
ERJU01
0.60
±0.03
0.30
±0.03
0.10
±0.05
0.15
±0.05
0.23
±0.03
0.15
ERJS02
ERJU02
1.00
±0.05
0.50
±0.05
0.20
±0.10
0.25
±0.10
0.35
±0.05
0.8
ERJS03
ERJU03
1.60
±0.15
0.80
+0.15
0.30
±0.20
0.30
±0.15
0.45
±0.10
2
ERJS06
ERJU06
2.00
±0.20
1.25
±0.10
0.40
±0.20
0.40
±0.20
0.60
±0.10
4
ERJU6□ 2.00
±0.20
1.25
±0.10
0.45
±0.20
0.45
±0.20
0.55
±0.10
6
ERJS08
ERJU08
3.20
+0.05
1.60
+0.05
0.50
±0.20
0.50
±0.20
0.60
±0.10
10
ERJS14
ERJU14
3.20
±0.20
2.50
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
16
ERJS12
ERJU12
4.50
±0.20
3.20
±0.20
0.50
±0.20
0.50
±0.20
0.60
±0.10
27
ERJS1D
ERJU1D
5.00
±0.20
2.50
±0.20
0.60
±0.20
0.60
±0.20
0.60
±0.10
27
ERJS1T
ERJU1T
6.40
±0.20
3.20
±0.20
0.65
±0.20
0.60
±0.20
0.60
±0.10
45
–0.05
–0.15
–0.20
[Low Resistance type]
Part No.
(inch size)
PowerRating
(1)
at 70 °C
(W)
Resistance
Tolerance
(%)
Resistance
Range
(
Ω)
T.
C.R.
(
×10
-6/°C )
Category
Temperature
Range
(°C)
AEC-Q200
Grade
ERJU6S (0805)
0.25
±1, ±2, ±5
0.1 to 0.2 (E24)
±150
–55 to +155
Grade 0
ERJU6Q (0805)
0.22 to 1 (E24)
Construction
Dimensions in mm (not to scale)
√
Mar. 2019
11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com