Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERJS12 Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERJS12
Description  Anti-Sulfurated Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJS12 Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERJS12 Datasheet HTML 1Page - Panasonic Semiconductor ERJS12 Datasheet HTML 2Page - Panasonic Semiconductor ERJS12 Datasheet HTML 3Page - Panasonic Semiconductor ERJS12 Datasheet HTML 4Page - Panasonic Semiconductor ERJS12 Datasheet HTML 5Page - Panasonic Semiconductor ERJS12 Datasheet HTML 6Page - Panasonic Semiconductor ERJS12 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Anti-Sulfurated Thick Film Chip Resistors
–40 –20
0
20
40
60
80 100 120 140 160
0
180
–60
70 °C
Ambient Temperature (°C)
20
40
60
80
100
–55 °C
125 °C
ERJU01
155 °C
[For Jumper]
Part No.
(inch size)
Rated Current
(A)
Maximum Overload Current
(1)
(A)
ERJU01
(0201)
0.5
1
ERJS02
ERJU02
(0402)
12
ERJS03
ERJU03
(0603)
ERJS06
ERJU06
(0805)
24
ERJS08
ERJU08
(1206)
ERJS14
ERJU14
(1210)
ERJS12
ERJU12
(1812)
ERJS1D
ERJU1D
(2012)
ERJS1T
ERJU1T
(2512)
Power Derating Curve
For resistors operated in ambient temperatures above
70 °C, power rating shall be derated in accordance
with the figure below.
Test Item
Performance Requirements
Test Conditions
Resistor type
Jumper type
Resistance
Within Specified
Tolerance
100 m
Ω or less 20 °C
T. C. R.
Within Specified
T. C. R.
200 m
Ω or less +25 °C/+155 °C (ERJU01 : +25 °C/+125 °C)
Overload
±2 %
100 m
Ω or less
Rated Voltage
× 2.5, 5 s
Jumper type : Max. Overload Current, 5 s
Resistance to
Soldering Heat
±1 %
100 m
Ω or less 270 °C, 10 s
Rapid Change of
Temperature
±1 %
100 m
Ω or less
–55 °C (30min.) / +155 °C (ERJU01: +125 °C) (30min.),
100 cycles
High Temperature
Exposure
±1 %
100 m
Ω or less +155 °C (ERJU01 : +125 °C), 1000 h
Damp Heat, Steady State
±1 %
100 m
Ω or less 60 °C, 90 % to 95 %RH, 1000 h
Load Life in Humidity
±3 %
100 m
Ω or less
60 °C, 90 % to 95 %RH, Rated Voltage (Jumper type :
Rated Current), 1.5 h ON/0.5 h OFF cycle, 1000 h
Endurance at 70 °C
±3 %
100 m
Ω or less
70 °C, Rated Voltage (Jumper type : Rated Current),
1.5 h ON/0.5 h OFF cycle, 1000 h
Test Item
Performance
Requirements
Test Conditions
Resistance
Within Specified
Tolerance
20 °C
T. C. R.
Within Specified
T. C. R.
+25 °C/+125 °C
Overload
±1 %
Rated Voltage
× 2.5, 5 s
Resistance to Soldering Heat
±1 %
270 °C, 10 s
Rapid Change of Temperature
±1 %
–55 °C (30min.) / +125 °C (30min.), 100 cycles
High Temperature Exposure
±1 %
+155 °C, 1000 h
Damp Heat, Steady State
±1 %
60 °C, 90 % to 95 %RH, 1000 h
Load Life in Humidity
±3 %
60 °C, 90 % to 95 %RH, Rated Voltage,
1.5 h ON/0.5 h OFF cycle, 1000 h
Endurance at 70 °C
±3 %
70 °C, Rated Voltage, 1.5 h ON/0.5 h OFF cycle, 1000 h
● ERJU01 to ERJU1T, ERJS02 to ERJS1T Series
● ERJU6S, U6Q Series
Performance
(1) Overload test current
Mar. 2019
11



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com