Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ERJS12 Datasheet(PDF) 1 Page - Panasonic Semiconductor

Part # ERJS12
Description  Anti-Sulfurated Thick Film Chip Resistors
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERJS12 Datasheet(HTML) 1 Page - Panasonic Semiconductor

  ERJS12 Datasheet HTML 1Page - Panasonic Semiconductor ERJS12 Datasheet HTML 2Page - Panasonic Semiconductor ERJS12 Datasheet HTML 3Page - Panasonic Semiconductor ERJS12 Datasheet HTML 4Page - Panasonic Semiconductor ERJS12 Datasheet HTML 5Page - Panasonic Semiconductor ERJS12 Datasheet HTML 6Page - Panasonic Semiconductor ERJS12 Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Anti-Sulfurated Thick Film Chip Resistors
E
1
R
2
J
3
S
4
0
5
6
6
F
7
1
8
0
9
0
10
2
11
V
12
Thick Film Chip Resistors
Product Code
Size, Power Rating
Inch
Code
U01
S02
U02
S03
U03
S06
U06
S08
U08
0.05 W
0.1 W
0.1 W
0.125 W
0.25 W
0201
0402
0603
0805
1206
1210
1812
2010
2512
Power R.
Resistance Tolerance
Code
D
F
Tolerance
± 0.5 %
± 1 %
Code
J
0
Tolerance
± 5 %
Jumper
The first two or three digits are significant figures of
resistance and the third or 4th one denotes number
of zeros following. Jumper is expressed by R00.
Three digit type (±5 %), four digit type (±0.5 %, ±1 %)
Example: 222
→2.2 kΩ, 1002→10kΩ
Resistance Value
Code Inch
S14
U14
S12
U12
S1D
U1D
S1T
U1T
0.5 W
0.75 W
0.75 W
1 W
Power R.
Packaging Methods
Code
Packaging
Part No.
Pressed Carrier Taping
2 mm pitch, 15,000 pcs.
ERJU01
Embossed Carrier Taping
4 mm pitch, 4,000 pcs.
Embossed Carrier Taping
4 mm pitch, 5,000 pcs.
ERJS1T, ERJU1T
ERJS03, ERJU03
ERJS06, ERJU06
ERJS08, ERJU08
ERJS14, ERJU14
ERJS12, ERJU12
ERJS1D, ERJU1D
ERJS02, ERJU02
C
Punched Carrier Taping
2 mm pitch, 10,000 pcs.
X
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
V
U
6
SJ
R
2
0V
E
1
R
2
J
3
U
4
56789
10
11
Code
U6
0.25 W
Power R.
Code
S
Q
Resistance Value
0.1
Ω to 0.2 Ω
0.22
Ω to 1 Ω
Resistance Tolerance
Code
F
G
J
Tolerance
±1 %
±2 %
±5 %
Packaging Methods
Code
Part No.
Packaging
Shown by 3 digits or
letters.
(Example)
R20 : 0.20
Ω=200 mΩ
1R0 : 1.0
Ω=1000 mΩ
Resistance Value
ERJU6S
ERJU6Q
Res. Value
Punched Carrier Taping
4 mm pitch, 5,000 pcs.
V
Thick Film Chip Resistors
Product Code
Size, Power Rating
Inch
0805
Anti-Sulfurated
Thick Film Chip Resistors
Type: ERJ S02, S03, S06, S08, S14, S12, S1D, S1T
(Au-based inner electrode type)
Type: ERJ U01, U02, U03, U06, U08, U14, U12,
U1D, U1T, U6S, U6Q
(Ag-Pd-based inner electrode type)
Explanation of Part Numbers
Features
● High resistance to sulfurization achieved by adopting an Au-based inner electrode (ERJS Series)
and Ag-Pd-based inner electrode (ERJU Series)
● High reliability
Metal glaze thick film resistive element and three layers of electrodes
● Suitable for both reflow and flow soldering
● Low Resistance type … ERJU6S, U6Q : 0.1
Ω to 1.0 Ω
● Reference Standard … IEC 60115-8, JIS C 5201-8, JEITA RC-2134C
● AEC-Q200 qualified (Exemption ERJU01)
● RoHS compliant
■ As for Packaging Methods, Land Pattern, Soldering Conditions and Safety Precautions,
Please see Data Files
● ERJU01 to ERJU1T, ERJS02 to ERJS1T Series
● ERJU6S, U6Q Series
Mar. 2019
11


Similar Part No. - ERJS12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJS12 PANASONIC-ERJS12 Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJS12 PANASONIC-ERJS12 Datasheet
1Mb / 8P
Anti-Sulfurated Thick Film Chip Resistors
10-May-24
ERJS12 PANASONIC-ERJS12 Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
Apr. 2015
ERJS12 PANASONIC-ERJS12 Datasheet
1Mb / 8P
Anti-Sulfurated Thick Film Chip Resistors
1-Sep-20
ERJS12 PANASONIC-ERJS12 Datasheet
964Kb / 8P
Anti-Sulfurated Thick Film Chip Resistors
1-Sep-20
More results

Similar Description - ERJS12

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERJ-S030R00V PANASONIC-ERJ-S030R00V Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02J103X PANASONIC-ERJ-S02J103X Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F1742X PANASONIC-ERJ-S02F1742X Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S02F2200X PANASONIC-ERJ-S02F2200X Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S03J221V PANASONIC-ERJ-S03J221V Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S06J750V PANASONIC-ERJ-S06J750V Datasheet
95Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
ERJ-S060R00V PANASONIC-ERJ-S060R00V Datasheet
93Kb / 3P
Anti-Sulfurated Thick Film Chip Resistors
logo
List of Unclassifed Man...
CNCS34JT102 ETC-CNCS34JT102 Datasheet
800Kb / 8P
Anti-Sulfurated Thick Film Chip Resistor Arrays
logo
YAGEO Corporation
AF122FR-071R YAGEO-AF122FR-071R Datasheet
555Kb / 8P
ANTI-SULFURATED CHIP RESISTORS
AF122-FR-07ORL YAGEO-AF122-FR-07ORL Datasheet
555Kb / 8P
ANTI-SULFURATED CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com