Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 74Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 75Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 76Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 77Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 78Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 79Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 80Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 81Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 161 page
background image
ST10F269Z2Qx
78/161
12.8.1 - Alternate Functions of Port 5
Each line of Port 5 is also connected to one of the
multiplexer of the Analog/Digital Converter. All
port lines (P5.15...P5.0) can
accept analog
signals (AN15...AN0) to be converted by the ADC.
No special programming is required for pins that
shall be used as analog inputs. Some pins of Port
5 also serve as external timer control lines for
GPT1 and GPT2.
The Table 18 summarizes the alternate functions
of Port 5.
Table 18 : Port 5 Alternate Functions
Port 5 Pin
Alternate Function a)
Alternate Function b)
P5.0
P5.1
P5.2
P5.3
P5.4
P5.5
P5.6
P5.7
P5.8
P5.9
P5.10
P5.11
P5.12
P5.13
P5.14
P5.15
Analog Input AN0
Analog Input AN1
Analog Input AN2
Analog Input AN3
Analog Input AN4
Analog Input AN5
Analog Input AN6
Analog Input AN7
Analog Input AN8
Analog Input AN9
Analog Input AN10
Analog Input AN11
Analog Input AN12
Analog Input AN13
Analog Input AN14
Analog Input AN15
-
-
-
-
-
-
-
-
-
-
T6EUD
Timer 6 external Up/Down Input
T5EUD
Timer 5 external Up/Down Input
T6IN
Timer 6 Count Input
T5IN
Timer 5 Count Input
T4EUD
Timer 4 external Up/Down Input
T2EUD
Timer 2 external Up/Down Input
Figure 34 : Port 5 I/O and Alternate Functions
Port 5
Alternate Function
a)
General Purpose Inputs
b)
A/D Converter Inputs
Timer Inputs
P5.7
P5.6
P5.5
P5.4
P5.3
P5.2
P5.1
P5.0
P5.15
P5.14
P5.13
P5.12
P5.11
P5.10
P5.9
P5.8
AN7
AN6
AN5
AN4
AN3
AN2
AN1
AN0
AN15
AN14
AN13
AN12
AN11
AN10
AN9
AN8
T2EUD
T4EUD
T5IN
T6IN
T5EUD
T6EUD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com