Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 96Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 97Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 98Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 99Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 100Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 101Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 102Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 103Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 161 page
background image
ST10F269Z2Qx
100/161
16.1 - RTC registers
16.1.1 - RTCCON: RTC Control Register
The functions of the RTC are controlled by the RTCCON control register. If the RTOFF bit is set, the RTC
dividers and counters clock is disabled and registers can be written, when the ST10 chip enters power
down mode the clock oscillator will be switch off. The RTC has 2 interrupt sources, one is triggered every
basic clock period, the other one is the alarm.
RTCCON includes an interrupt request flag and an interrupt enable bit for each of them. This register is
read and written via the XBUS.
RTCCON (EC00h)
XBUS
Reset Value: --00h
Notes: 1. As RTCCON register is not bit-addressable, the value of these bits must be read by checking their associated CCxIC register.
The 2 RTC interrupt signals are connected to Port2 in order to trigger an external interrupt that wake up the chip when in power down
mode.
2. All the bit of RTCCON are active high.
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
-
-
-
-
-
-
-
-
RTCOFF
-
-
-
RTCAEN RTCAIR RTCSEN RTCSIR
RW
RW
RW
RW
RW
RTCOFF 2
RTC Switch Off Bit
‘0’: clock oscillator and RTC keep on running even if ST10 in power down mode
‘1’: clock oscillator is switch off if ST10 enters power down mode, RTC dividers and
counters are stopped and registers can be written
RTCAEN 2
RTC Alarm Interrupt ENable
‘0’: RTCAI is disabled
‘1’: RTCAI is enabled, it is generated every n seconds
RTCAIR 1
RTC Alarm Interrupt Request flag (when the alarm is triggered)
‘0’: the bit was reseted less than a n seconds ago
‘1’: the interrupt was triggered
RTCSEN 2
RTC Second interrupt ENable
‘0’: RTCSI is disabled
‘1’: RTCSI is enabled, it is generated every second
RTCSIR 1
RTC Second Interrupt Request flag (every second)
‘0’: the bit was reseted less than a second ago
‘1’: the interrupt was triggered



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com