Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 98Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 99Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 100Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 101Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 102Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 103Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 104Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 105Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 161 page
background image
ST10F269Z2Qx
102/161
When RTCD increments to reach 00000h, The 20-bit word stored into RTCPH, RTCPL registers is loaded
in RTCD.
Bit 15 to bit 4 of RTCPH and RTCDH are not used. When reading, the return value of those bit will be
zeros.
16.1.4 - RTCH & RTCL: RTC Programmable COUNTER Registers
The RTC has 2 x 16-bit programmable counters which count rate is based on the basic time reference (for
example 1 second). As the clock oscillator may be kept working, even in power down mode, the RTC
counters may be used as a system clock. In addition RTC counters and registers are not modified at any
system reset. The only way to force their value is to write them via the XBUS.
Those counters are write protected as well. The bit RTOFF of the RTCCON register must be set (RTC
dividers and counters are stopped) to enable a write operation on RTCH or RTCL.
A write operation on RTCH or RTCL register loads directly the corresponding counter. When reading, the
current value in the counter (system date) is returned.
The counters keeps on running while the clock oscillator is working.
RTCL (EC0Eh)
XBUS
Reset Value: XXXXh
RTCH (EC10h)
XBUS
Reset Value: XXXXh
Note: Those registers are nor reset
Figure 53 : DIVIDER Counters
15
14
13
12
11
10
987654
3210
RTCL
RW
15
14
13
12
11
10
987654
3210
RTCH
RW
3
2
1
0
7
6
5
4
11 10 9
8
15 14 13 12
3
2
1
0
RTCDH
RTCDL
3
2
1
0
7
6
5
4
11 10 9
8
15 14 13 12
19 18 17 16
20 bit word internal value of the Prescaler divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com