Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 105 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 105 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 101Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 102Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 103Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 104Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 105Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 106Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 107Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 108Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 109Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 161 page
background image
ST10F269Z2Qx
105/161
17 - WATCHDOG TIMER
The Watchdog Timer is a fail-safe mechanism which prevents the microcontroller from malfunctioning for
long periods of time.
The Watchdog Timer is always enabled after a reset of the chip and can only be disabled in the time
interval until the EINIT (end of initialization) instruction has been executed.
Therefore, the chip start-up procedure is always monitored. The software must be designed to service the
watchdog timer before it overflows. If, due to hardware or software related failures, the software fails to do
so, the watchdog timer overflows and generates an internal hardware reset. It pulls the RSTOUT pin low
in order to allow external hardware components to be reset.
Each of the different reset sources is indicated in the WDTCON register.
The indicated bits are cleared with the EINIT instruction. The origin of the reset can be identified during
the initialization phase.
WDTCON (FFAEh / D7h)
SFR
Reset Value: 00xxh
Notes: 1. More than one reset indication flag may be set. After EINIT, all flags are cleared.
2. Power-on is detected when a rising edge from VDD = 0 V to VDD > 2.0 V is recognized on the internal 3.3V supply.
3. These bits cannot be directly modified by software.
15
14
13
12
11
10
9
8
7
6543
210
WDTREL
-
-
PONR
LHWR SHWR
SWR
WDTR WDTIN
RW
HR
HR
HR
HR
HR
RW
WDTIN
Watchdog Timer Input Frequency Selection
‘0’: Input Frequency is fCPU/2.
‘1’: Input Frequency is fCPU/128.
WDTR1-3
Watchdog Timer Reset Indication Flag
Set by the watchdog timer on an overflow.
Cleared by a hardware reset or by the SRVWDT instruction.
SWR1-3
Software Reset Indication Flag
Set by the SRST execution.
Cleared by the EINIT instruction.
SHWR1-3
Short Hardware Reset Indication Flag
Set by the input RSTIN.
Cleared by the EINIT instruction.
LHWR1-3
Long Hardware Reset Indication Flag
Set by the input RSTIN.
Cleared by the EINIT instruction.
PONR1- 2-3
Power-On (Asynchronous) Reset Indication Flag
Set by the input RSTIN if a power-on condition has been detected.
Cleared by the EINIT instruction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com