Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 103Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 104Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 105Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 106Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 107Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 108Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 109Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 110Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 161 page
background image
ST10F269Z2Qx
107/161
18 - SYSTEM RESET
System reset initializes the MCU in a predefined state. There are five ways to activate a reset state. The
system start-up configuration is different for each case as shown in Table 28.
Table 28 : Reset Event Definition
18.1 - Long Hardware Reset
The reset is triggered when RSTIN pin is pulled low, then the MCU is immediately forced in reset default
state. It pulls low RSTOUT pin, it cancels pending internal hold states if any, it aborts external bus cycle, it
switches buses (data, address and control signals) and I/O pin drivers to high-impedance, it pulls high PORT0
pins and the reset sequence starts.
To get a long hardware reset, the duration of the external RSTIN signal must be longer than 1040 TCL.
The level of RPD pin is sampled during the whole RSTIN pulse duration. A low level on RPD pin
determines an asynchronous reset while a high level leads to a synchronous reset.
Note
A reset can be entered as synchronous and exit as asynchronous if VRPD voltage drops below the
RPD pin threshold (typically 2.5V for VDD = 5V) when RSTIN pin is low or when RSTIN pin is
internally pulled low.
18.1.1 - Asynchronous Reset
Figure 54 and Figure 55 show asynchronous reset condition (RPD pin is at low level).
Figure 54 : Asynchronous Reset Sequence External Fetch
Note: 1) RSTIN rising edge to internal latch of PORT0 is 3 CPU clock cycles (6 TCL) if the PLL is bypassed and the prescaler is on
(fCPU =fXTAL / 2), else it is 4 CPU clock cycles (8 TCL).
Reset Source
Short-cut
Conditions
Power-on reset
PONR
Power-on
Long Hardware reset (synchronous & asynchronous)
LHWR
t RSTIN > 1040 TCL
Short Hardware reset (synchronous reset)
SHWR
4 TCL < t RSTIN < 1038 TCL
Watchdog Timer reset
WDTR
WDT overflow
Software reset
SWR
SRST execution
6 or 8 TCL1)
CPU Clock
RSTIN
Asynchronous
Reset Condition
RPD
RSTOUT
ALE
PORT0
Reset Configuration
1st Instruction External Fetch
Latching point of PORT0
for system start-up
configuration
8
12
3
4
6
7
59
RD
EXTERNAL FETCH
Internal reset
5 TCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com