Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 93Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 94Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 95Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 96Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 97Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 98Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 99Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 100Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 161 page
background image
ST10F269Z2Qx
97/161
15 - CAN MODULES
The two integrated CAN modules (CAN1 and
CAN2) are identical and handle the completely
autonomous transmission and reception of CAN
frames according to the CAN specification V2.0
part B (active).
Each on-chip CAN module can receive and
transmit standard frames with 11-bit identifiers as
well as extended frames with 29-bit identifiers.
These two CAN modules are both identical to the
CAN module of the ST10F167.
Because of duplication of the CAN controllers, the
following adjustments are to be considered:
– Same internal register addresses of both CAN
controllers, but with base addresses differing in
address bit A8; separate chip select for each
CAN module. Refer to Chapter 4 - Memory Or-
ganization.
– The CAN1 transmit line (CAN1_TxD) is the
alternate function of the Port P4.6 pin and the
receive line (CAN1_RxD) is the alternate
function of the Port P4.5 pin.
– The CAN2 transmit line (CAN2_TxD) is the
alternate function of the Port P4.7 pin and the
receive line (CAN2_RxD) is the alternate
function of the Port P4.4 pin.
– Interrupt request line of the CAN1 module is
connected to the XBUS interrupt line XP0,
interrupt of the CAN2 module is connected to
the line XP1.
– The CAN modules must be selected with
corresponding CANxEN bit of XPERCON register
before the bit XPEN of SYSCON register is set.
– The reset default configuration is: CAN1 is
enabled, CAN2 is disabled.
15.1 - CAN Modules Memory Mapping
15.1.1 - CAN1
Address range 00’EF00h - 00’EFFFh is reserved
for the CAN1 Module access. CAN1 is enabled by
setting XPEN bit 2 of the SYSCON register and by
setting bit 0 of the XPERCON register. Accesses
to the CAN Module use demultiplexed addresses
and a 16-bit data bus (Byte accesses are
possible). Two wait states give an access time of
125ns at 40MHz CPU clock. No tri-state wait
states are used.
15.1.2 - CAN2
Address range 00’EE00h - 00’EEFFh is reserved
for the CAN2 Module access. CAN2 is enabled by
setting XPEN bit 2 of the SYSCON register and by
setting bit 1 of the XPERCON register. Accesses
to the CAN Module use demultiplexed addresses
and a 16-bit data bus (Byte accesses are
possible). Two wait states give an access time of
125ns at 40MHz CPU clock. No tri-state wait
states are used.
Note: If one or both CAN modules is used,
Port 4 cannot be programmed to output all
8 segment
address
lines.
Thus,
only
4 segment address lines can be used,
reducing the external memory space to
5M Bytes (1M Byte per CS line).
15.2 - CAN Bus Configurations
Depending on application, CAN bus configuration
may be one single bus with a single or multiple
interfaces or a multiple bus with a single or
multiple interfaces. The ST10F269Z2Qx is able to
support these 2 cases.
Single CAN Bus
The
single
CAN
Bus
multiple
interfaces
configuration may be implemented using 2 CAN
transceivers as shown in Figure 47.
Figure 47 : Single CAN Bus Multiple Interfaces,
Multiple Transceivers
CAN1
RxD TxD
CAN2
RxD TxD
CAN
Transceiver
CAN
Transceiver
CAN_H
CAN_H
CAN bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com