Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 130 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 130 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 126Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 127Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 128Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 129Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 130Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 131Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 132Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 133Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 134Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 161 page
background image
ST10F269Z2Qx
130/161
When both CAN are disabled via XPERCON
setting, then any access in the address range
00’EE00h - 00’EFFFh will be directed to external
memory interface, using the BUSCONx register
corresponding to address matching ADDRSELx
register. P4.4 and P4.7 can be used as General
Purpose I/O when CAN2 is not enabled, and P4.5
and P4.6 can be used as General Purpose I/O
when CAN1 is not enabled.
The default XPER selection after Reset is
identical to XBUS configuration of ST10C167:
XCAN1 is enabled, XCAN2 is disabled, XRAM1
(2K Byte compatible XRAM) is enabled, XRAM2
(new 8K Byte XRAM) is disabled.
Register XPERCON cannot be changed after the
global enabling of XPeripherals, i.e. after setting
of bit XPEN in SYSCON register.
In EMUlation mode, all the XPERipherals are
enabled (XPERCON bit are all set).
When the Real Time Clock is disabled (RTCEN =
0), the clock oscillator is switch off if ST10 enters
in power-down mode. Otherwise, when the Real
Time Clock is enabled, the bit RTCOFF of the
RTCCON
register
allows
to
choose
the
power-down mode of the clock oscillator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com