Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F269Z2Q3 Datasheet(PDF) 149 Page - STMicroelectronics

Part # ST10F269Z2Q3
Description  16-BIT MCU WITH MAC UNIT, 256K BYTE FLASH MEMORY AND 12K BYTE RAM
PDF  161 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F269Z2Q3 Datasheet(HTML) 149 Page - STMicroelectronics

Back Button ST10F269Z2Q3 Datasheet HTML 145Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 146Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 147Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 148Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 149Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 150Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 151Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 152Page - STMicroelectronics ST10F269Z2Q3 Datasheet HTML 153Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 161 page
background image
ST10F269Z2Qx
149/161
Figure 74 : External Memory Cycle: Demultiplexed Bus, With / Without Read / Write Delay, Normal ALE
Note: 1. Un-latched CSx = t41u = t41 TCL =10.5 + tF.
Write Cycle
CLKOUT
ALE
A23-A16
A15-A0 (P1)
BHE
WR
WRL
WRH
Data In
Data Out
t
38
t
5
t
16
t
39
t
41
t
18
t
14
t
22
t
12
Address
t
17
t
13
t
15
t
12
t
13
t
21
t
20
t
81
t
80
t
26
t
24
t
17
t
6
t
41u
t
6
t
80
t
81
t
28 (or t28h)
CSx
Read Cycle
Data Bus (P0)
RD
1)
(D15-D8) D7-D0
Data Bus (P0)
(D15-D8) D7-D0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com