Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069309 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 1069309
Description  Cable connector - M23-12S2N8A8002 - 1069309
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069309 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  1069309 Datasheet HTML 1Page - PHOENIX CONTACT 1069309 Datasheet HTML 2Page - PHOENIX CONTACT 1069309 Datasheet HTML 3Page - PHOENIX CONTACT 1069309 Datasheet HTML 4Page - PHOENIX CONTACT 1069309 Datasheet HTML 5Page - PHOENIX CONTACT 1069309 Datasheet HTML 6Page - PHOENIX CONTACT 1069309 Datasheet HTML 7Page - PHOENIX CONTACT 1069309 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
https://www.phoenixcontact.com/gb/products/1069309
01/18/2022   Page 5 / 8
Cable connector - M23-12S2N8A8002 - 1069309
Approvals
Approval details
UL Recognized 
  http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E335019-20141210
 
 
Nominal voltage UN
150 V
Nominal current IN
6 A
mm²/AWG/kcmil
18
cUL Recognized 
  http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E335019-20141210
 
 
Nominal voltage UN
150 V
Nominal current IN
5 A
mm²/AWG/kcmil
18
cULus Recognized 
 
 
Accessories
Accessories
Circular connectors (device side)
Hook wrench - SF-Z0027 - 1607455
Hook wrench
 
 
Crimp contact
Crimp contact - RC-11S2000 - 1596772
Crimp contact, turned, Single contact, contact diameter: 1 mm, crimp range: 0.08 mm² ... 0.22 mm²
 
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com