Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069309 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1069309
Description  Cable connector - M23-12S2N8A8002 - 1069309
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069309 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1069309 Datasheet HTML 1Page - PHOENIX CONTACT 1069309 Datasheet HTML 2Page - PHOENIX CONTACT 1069309 Datasheet HTML 3Page - PHOENIX CONTACT 1069309 Datasheet HTML 4Page - PHOENIX CONTACT 1069309 Datasheet HTML 5Page - PHOENIX CONTACT 1069309 Datasheet HTML 6Page - PHOENIX CONTACT 1069309 Datasheet HTML 7Page - PHOENIX CONTACT 1069309 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
https://www.phoenixcontact.com/gb/products/1069309
01/18/2022   Page 1 / 8
Cable connector - M23-12S2N8A8002 - 1069309
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
Cable connector, M23 PRO, straight, shielded: yes, Screw locking, M23, No. of pos.: 12, Direction of rotation:
Counter direction, type of contact: Socket, Crimp connection, cable diameter range: 4 mm ... 8.5 mm,
coding:N
Your advantages
 Solutions with cross-manufacturer compatibility for standard and fast locking systems
 Reliable under the harshest conditions: cable connectors with vibration brake
 Modern, consistent design for highly convenient operation
 Easy, cost-effective cable assembly: uniform shielding of M17 to M40
Key Commercial Data
Packing unit
1 pc
GTIN
GTIN
4055626760209
Weight per Piece (excluding packing)
106.000 g
Custom tariff number
85366990
Country of origin
Germany
Sales Key
ABRBHA
Note
Made to Order (non-returnable)
Technical data
Temperature range
Ambient temperature
-40 °C ... 105 °C (see to derating)
max. operating temperature
125 °C (DIN EN 60512-9-2 / 1000 h)
Standards and Regulations
Safety note
WARNING: The connectors may not be plugged in or disconnected
under load. Ignoring the warning or improper use may damage persons
and/or property.
• WARNING: Commission properly functioning products only. The
products must be regularly inspected for damage. Decommission


Similar Part No. - 1069309

ManufacturerPart #DatasheetDescription
logo
Heyco.
10693 HEYCO-10693 Datasheet
133Kb / 1P
Nylon PCB Supports - Threaded Male
logo
PHOENIX CONTACT
1069311 PHOENIX-1069311 Datasheet
630Kb / 16P
M23-12S2N8A8003 - Cable connector
1069312 PHOENIX-1069312 Datasheet
633Kb / 17P
M23-12S2N8A8004 - Cable connector
1069313 PHOENIX-1069313 Datasheet
633Kb / 17P
M23-12S2N8A80DU - Cable connector
1069314 PHOENIX-1069314 Datasheet
356Kb / 8P
M23-12P2N8A8002 - Cable connector
More results

Similar Description - 1069309

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1629176 PHOENIX-1629176 Datasheet
354Kb / 7P
Cable connector - M23-07P1N8A80DUS
02/04/2022
1629204 PHOENIX-1629204 Datasheet
377Kb / 8P
Cable connector - M23-17S1N8A80DU
02/04/2022
1629208 PHOENIX-1629208 Datasheet
380Kb / 8P
Cable connector - M23-12P1N8A80DU
02/04/2022
1629192 PHOENIX-1629192 Datasheet
537Kb / 16P
M23-1RP1N8A80DU - Cable connector
1628814 PHOENIX-1628814 Datasheet
520Kb / 14P
M23-7ES198A8023S - Cable connector
1628847 PHOENIX-1628847 Datasheet
514Kb / 14P
M23-7EP198A8LDLS - Cable connector
1629162 PHOENIX-1629162 Datasheet
617Kb / 16P
M23-12P1N8A8003S - Cable connector
1629166 PHOENIX-1629166 Datasheet
635Kb / 17P
M23-12S1N8A8003S - Cable connector
1629187 PHOENIX-1629187 Datasheet
521Kb / 14P
M23-06S1N8A8002S - Cable connector
1629206 PHOENIX-1629206 Datasheet
641Kb / 18P
M23-17S1N8A8003 - Cable connector
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com