Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1069309 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1069309
Description  Cable connector - M23-12S2N8A8002 - 1069309
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1069309 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1069309 Datasheet HTML 1Page - PHOENIX CONTACT 1069309 Datasheet HTML 2Page - PHOENIX CONTACT 1069309 Datasheet HTML 3Page - PHOENIX CONTACT 1069309 Datasheet HTML 4Page - PHOENIX CONTACT 1069309 Datasheet HTML 5Page - PHOENIX CONTACT 1069309 Datasheet HTML 6Page - PHOENIX CONTACT 1069309 Datasheet HTML 7Page - PHOENIX CONTACT 1069309 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
https://www.phoenixcontact.com/gb/products/1069309
01/18/2022   Page 6 / 8
Cable connector - M23-12S2N8A8002 - 1069309
Accessories
Crimp contact - RC-12S2000 - 1599600
Crimp contact
 
 
Crimp contact - RC-1KS2000 - 1602998
Crimp contact
 
 
Crimp contact - RC-22S2000 - 1603327
Crimp contact, rolled, Single contact, contact diameter: 1 mm, crimp range: 0.22 mm² ... 0.56 mm², Single contact
 
 
Crimp contact - RC-21S2000 - 1603315
Crimp contact, rolled, Single contact, contact diameter: 1 mm, crimp range: 0.08 mm² ... 0.22 mm², Single contact
 
 
Crimp contact - RC-22S2300 - 1603330
Crimp contact, rolled, Taped articles, number of pieces per reel: 500, contact diameter: 1 mm, crimp range: 0.22
mm² ... 0.56 mm²
 
 



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com