Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1201 Datasheet(PDF) 11 Page - STMicroelectronics

Part # RHF1201
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHF1201 Datasheet HTML 7Page - STMicroelectronics RHF1201 Datasheet HTML 8Page - STMicroelectronics RHF1201 Datasheet HTML 9Page - STMicroelectronics RHF1201 Datasheet HTML 10Page - STMicroelectronics RHF1201 Datasheet HTML 11Page - STMicroelectronics RHF1201 Datasheet HTML 12Page - STMicroelectronics RHF1201 Datasheet HTML 13Page - STMicroelectronics RHF1201 Datasheet HTML 14Page - STMicroelectronics RHF1201 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
RHF1201
Application information
11/18
Figure 4.
Differential input configuration
7.2.2
Single-ended input configuration
Some applications may require a single-ended input which is easily achieved with the
configuration shown in Figure 5: Single-ended input configuration.
The lack of accurate differential driving with its common-mode noise and even harmonics
cancellation advantages can degrade the rated RHF1201 performance. It is then
recommended to use a well de-coupled DC reference to bias the RHF1201 inputs.
In this case, one can use an AC-coupled analog input and set the DC analog level with high
value (10 k
Ω to 100 kΩ) resistor connected to a proper DC source.
The internal references INCM (0.52 V) or REFP (1 V) can be used as proper DC sources.
Using 1 V DC with a single signal of 2 Vpp input amplitude gives better SNR performance.
Figure 5.
Single-ended input configuration
7.2.3
IF-sampling
The RHF1201 is specifically designed to meet sampling requirements for intermediate
frequency input signals. In particular, the Track-and-Hold in the first stage of the pipeline is
designed to minimize the linearity limitations as analog frequency increases.This is
achieved by making the input impedance independent from the input frequency.
As a result, the RHF1201 can maintain high performance up to an analog frequency of
150 MHz.
RHF1201
VIN
VINB
INCM
50
Ω
10-100pF
330pF
470nF
10nF
Analog source
1:1
ADT1-1
RHF1201
VIN
VINB
50
Ω
10nF
330pF
470nF
10nF
Signal source
DC source or REFP
10-100k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com