Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1201 Datasheet(PDF) 17 Page - STMicroelectronics

Part # RHF1201
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button RHF1201 Datasheet HTML 10Page - STMicroelectronics RHF1201 Datasheet HTML 11Page - STMicroelectronics RHF1201 Datasheet HTML 12Page - STMicroelectronics RHF1201 Datasheet HTML 13Page - STMicroelectronics RHF1201 Datasheet HTML 14Page - STMicroelectronics RHF1201 Datasheet HTML 15Page - STMicroelectronics RHF1201 Datasheet HTML 16Page - STMicroelectronics RHF1201 Datasheet HTML 17Page - STMicroelectronics RHF1201 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
RHF1201
Ordering information
17/18
10
Ordering information
11
Revision history
Part number
Temperature range
Package
Marking
RHF1201KSO1
-55 °C to 125 °C
SO-48
RHF1201KSO1
RHF1201KSO2
-55 °C to 125 °C
SO-48
RHF1201KSO2
RHF1201KSO-01V
-55 °C to 125 °C
SO-48
F0521701VXC
Date
Revision
Changes
01-Sep-2006
1
Initial release in new format.
29-Jun-2007
2
Updated failure immune and latchup immune value to
120 MeV-
cm2/mg.
Updated package mechanical data.
Removed reference to non rad-hard components from Section 7.3.2:
External reference on page 12.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com