Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RHF1201 Datasheet(PDF) 12 Page - STMicroelectronics

Part # RHF1201
Description  Rad-hard 12-bit 0.5 to 50 Msps A/D converter
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHF1201 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button RHF1201 Datasheet HTML 8Page - STMicroelectronics RHF1201 Datasheet HTML 9Page - STMicroelectronics RHF1201 Datasheet HTML 10Page - STMicroelectronics RHF1201 Datasheet HTML 11Page - STMicroelectronics RHF1201 Datasheet HTML 12Page - STMicroelectronics RHF1201 Datasheet HTML 13Page - STMicroelectronics RHF1201 Datasheet HTML 14Page - STMicroelectronics RHF1201 Datasheet HTML 15Page - STMicroelectronics RHF1201 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Application information
RHF1201
12/18
7.3
Reference connection
7.3.1
Internal reference
In the standard configuration, the ADC is biased with the internal reference voltage. The
VREFM pin is connected to Analog Ground while VREFP is internally set to a voltage close to
1.0 V. It is recommended to de-couple the VREFP in order to minimize low and high
frequency noise. Refer to Figure 6: Internal reference setting for the schematics.
Figure 6.
Internal reference setting
7.3.2
External reference
It is possible to use an external reference voltage instead of the internal one for specific
applications requiring even better linearity or enhanced temperature behavior. In this case,
the amplitude of the external voltage must be at least equal to the internal one (1.0 V). You
can use an external voltage reference with the configuration shown in Figure 7: External
reference setting to obtain optimum performance.
Figure 7.
External reference setting
This can be very helpful in multichannel applications for example to maintain a good
matching along the sampling frequency range.
RHF1201
VIN
VINB
VREFM
~1V
VREFP
330pF
470nF
10nF
1k
Ω
RHF1201
VIN
VINB
VREFM
VREFP
external
reference
VCCA
330pF
470nF
10nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com