Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOTG04E Datasheet(PDF) 16 Page - STMicroelectronics

Part # STOTG04E
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04E Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STOTG04E Datasheet HTML 12Page - STMicroelectronics STOTG04E Datasheet HTML 13Page - STMicroelectronics STOTG04E Datasheet HTML 14Page - STMicroelectronics STOTG04E Datasheet HTML 15Page - STMicroelectronics STOTG04E Datasheet HTML 16Page - STMicroelectronics STOTG04E Datasheet HTML 17Page - STMicroelectronics STOTG04E Datasheet HTML 18Page - STMicroelectronics STOTG04E Datasheet HTML 19Page - STMicroelectronics STOTG04E Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
Block description
STOTG04E
16/26
direction is controlled by bidi_en Bit of Control Register 3 (described later). When these signals are
bidirectional, the direction is controlled by the OE_TP_INT/ signal (see Tables 11 and 12).
The actual mode of operation is controlled by the dat_se0 Bit of Control Register 1 (see Tables 11 and 12)
Table 11.
DAT_SE0 (dat_se0 = 1)
Table 12.
VP_VM (dat_se0 = 0)
* State of the OE_TP_INT/ signal.
In the USB mode of operation it is necessary to control the rise and fall times of the transmission driver.
These times are different for low-speed and full-speed USB settings. Selection of actual USB speed can
be done using the bit speed of Control Register 1 or/and the SPEED pin (see table 13).
Table 13.
USB Speed selection
6.7.3
UART and I2C modes
The actual mode of operation is selectable by the transp_en and uart_en Bits of Control Register 1 (see
table 14).
Table 14.
Transceiver modes
(1) In reality, it is not possible to set both these bits at the same time. In this case, only uart_en bit will remain set.
In the I2C mode the D+ and D- lines act respectively as I2C SDA and SCL signals when the OE_TP_INT/
signal is low. The transceiver automatically enables the pull-up resistor on the SDA line in this mode. The
internal I2C slave interface of the transceiver does not react to commands from the master.
Communication addressed to the STOTG04 device is mirrored to the D+ pin and responses from this pin
are mirrored back to the SDA pin. The D– pin mirrors the SCL clock.
In the UART mode it is possible to select driver direction on both the D+ and D– pins. The selection is
done using the bdir[1] and bdir[0] Bits of Control Register 3 (see table 15).
bidi_en
OE/*
DAT_VP
SE0_VM
1
0
Differential driver input
SE0 driver input
1
Differential receiver output
SE0 detector output
0
X
Differential driver input
SE0 driver input
bidi_en
OE/*
DAT_VP
SE0_VM
1
0
D+ driver input
D- driver input
1
D+ receiver output
D- receiver output
0
X
D+ driver input
D- driver input
speed bit
SPEED Pin
USB Mode
0X
low-speed
X0
1
1
full-speed
transp_en
uart_en
STOTG04 Mode
00
USB
01
UART
10
I2C
11
UART (1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com