Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOTG04E Datasheet(PDF) 20 Page - STMicroelectronics

Part # STOTG04E
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STOTG04E Datasheet HTML 16Page - STMicroelectronics STOTG04E Datasheet HTML 17Page - STMicroelectronics STOTG04E Datasheet HTML 18Page - STMicroelectronics STOTG04E Datasheet HTML 19Page - STMicroelectronics STOTG04E Datasheet HTML 20Page - STMicroelectronics STOTG04E Datasheet HTML 21Page - STMicroelectronics STOTG04E Datasheet HTML 22Page - STMicroelectronics STOTG04E Datasheet HTML 23Page - STMicroelectronics STOTG04E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 26 page
background image
Block description
STOTG04E
20/26
Figure 12. Basic operation of the I2C Bus
Start condition is identified by a falling edge of the SDA signal while the SCL is stable at high level. The
start condition must precede any data transfer on the bus.
Stop condition is identified by a rising edge of the SDA signal while the SCL is stable at high level. The
stop condition terminates any communication between device and master.
The acknowledge bit is used to indicate a successful byte transfer. The bus transmitter releases the SDA
line after sending eight data bits. During the ninth clock period the receiver pulls the SDA line low to
acknowledge the receipt of the eight data bits. If the receiver is a slave device and it does not generate
acknowledge bit then the bus master can generate the stop condition in order to abort the transfer.
Below is described format of I2C commands. All tables use common format and symbols. Every data
word consists of eight bits with most significant bit first and least significant bit last.
Symbols used in the tables are:
• S – start condition
• P – stop condition
• A – acknowledge bit
• N – negative acknowledge
WRITE Command to the transceiver device is described by following table. It is possible to write into
several consecutive registers during one write command.
READ command consists of dummy write to set proper address of a register followed by real read
sequence.
S
Device address
0
A
Reg. address K
A
Data (K)
A
Data (K+1)
A
..
Data (K+N)
A
P
S
Device address
0
A
Reg. address K
A
P
S
Device address
1
A
Data (K)
A
Data (K+1)
A
Data (K+2)
A
...
Data (K+N)
N
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com