Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STOTG04E Datasheet(PDF) 5 Page - STMicroelectronics

Part # STOTG04E
Description  USB-OTG Full-speed Transceiver
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STOTG04E Datasheet(HTML) 5 Page - STMicroelectronics

  STOTG04E Datasheet HTML 1Page - STMicroelectronics STOTG04E Datasheet HTML 2Page - STMicroelectronics STOTG04E Datasheet HTML 3Page - STMicroelectronics STOTG04E Datasheet HTML 4Page - STMicroelectronics STOTG04E Datasheet HTML 5Page - STMicroelectronics STOTG04E Datasheet HTML 6Page - STMicroelectronics STOTG04E Datasheet HTML 7Page - STMicroelectronics STOTG04E Datasheet HTML 8Page - STMicroelectronics STOTG04E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
STOTG04E
Maximum ratings
5/26
2
Maximum ratings
Table 2.
Absolute maximum ratings
(*) In accordance to IEC61000-4-2, level 3.
Absolute Maximum Ratings are those values beyond which damage to the device may occur. Functional Operation under these con-
ditions is not implied.
Table 3.
Thermal data
Table 4.
Recommended operating condition
Table 5.
ESD Performance
Symbol
Parameter
Value
Unit
VIF
Logic Supply Voltage
-0.5 to + 4.5
V
VBAT
Analog Supply Voltage
-0.5 to + 6.5
V
VDCDIG
DC Input Voltage on any logic interface pin
-0.5 to + 4.5
V
TSTG
Storage Temperature Range
-65 to + 150
°C
VESD
Electrostatic discharge voltage
on USB pins
Human Body Model
± 8
kV
Contact Discharge (*)
± 6
Symbol
Parameter
Value
Unit
RthJA
Thermal Resistance Junction-Ambient
59
°C/W
Symbol
Parameter
Min.
Typ.
Max.
Unit
VIF
Logic Supply Voltage
1.6
1.8
3.6
V
VBAT
Analog Supply Voltage
2.7
3.3
5.5
V
TA
Operating Temperature Range
-40
+85
°C
CEXT
Charge pump external capacitor
100
220
470
nF
CT
Charge pump tank capacitor
1
4.7
6.5
µF
CTRM
Voltage regulator external capacitor
1
µF
RS
Data lines impedance matching resistor
20
Symbol
Parameter
Value
Unit
ESD
IEC-61000-4-2 (D+, D-, VBUS, ID)
Air discharge (10 pulses)
± 8
kV
Contact discharge (10 pulses)
± 6
IEC-61000-4-2 (other pins)
Air discharge (10 pulses)
± 2
Contact discharge (10 pulses)
± 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com