Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6522 Datasheet(PDF) 7 Page - STMicroelectronics

Part # VL6522
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button VL6522 Datasheet HTML 3Page - STMicroelectronics VL6522 Datasheet HTML 4Page - STMicroelectronics VL6522 Datasheet HTML 5Page - STMicroelectronics VL6522 Datasheet HTML 6Page - STMicroelectronics VL6522 Datasheet HTML 7Page - STMicroelectronics VL6522 Datasheet HTML 8Page - STMicroelectronics VL6522 Datasheet HTML 9Page - STMicroelectronics VL6522 Datasheet HTML 10Page - STMicroelectronics VL6522 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
VL6522
Block diagram
7/35
2
Block diagram
Figure 2.
Block diagram of typical USB Web camera using VL6522
Digital
Core
Audio
digital
Audio
SD
ADC
USB2
PHY
Gnd
Audio
PAmp
OSC
12
Audio
Ref
clkgen
IDP
Digital
usb top
Pwr
Mngt
core logic
ewarp
480MHz
AUDP
LL
60
VGA array
+ ADC
5V
BG
AudReg
DReg1
5v to 3v
VidReg
Dreg2
3v to
1v8
Video
Pwr Mngt
USB2.0 Web camera
VDD1
3V
BG
vbg
LGA36
MICBIAS
MICIN
AUDVSS
E2PROM
IC, LED
test
mode
AUD3V3
VID3V3
SUPPLY3V6
VIDVSS
SFP3
SFP2
SFP1
SFP0
RESETN
TEST
XTAL_OUT
XTAL_IN
VDDAUD3V3
XTAL
12MHz
electret
mic.
12M
1080
PLL
VDD5
BG5V
VBASE3V3
VDD3IO
VBASE1V8
VSSIO
VDD1V8
V5V
VDD3
VSS
USB_VDD3
USB_VDDB
USB_DN
USB_DP
USB_RREF
USB_VSSB
USB_VDDC
USB_VSSC
VDDPLL
VSSPLL
VDD1V8
AUDPLLFLT
VSS
YUV
422



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com