Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6522 Datasheet(PDF) 22 Page - STMicroelectronics

Part # VL6522
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button VL6522 Datasheet HTML 18Page - STMicroelectronics VL6522 Datasheet HTML 19Page - STMicroelectronics VL6522 Datasheet HTML 20Page - STMicroelectronics VL6522 Datasheet HTML 21Page - STMicroelectronics VL6522 Datasheet HTML 22Page - STMicroelectronics VL6522 Datasheet HTML 23Page - STMicroelectronics VL6522 Datasheet HTML 24Page - STMicroelectronics VL6522 Datasheet HTML 25Page - STMicroelectronics VL6522 Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
Register description
VL6522
22/35
5.3.7
Automatic frame rate control
0x8654
bManualGreenGain
Default value
0x00
Purpose
User setting for Green Channel gain.
Type
BYTE
Possible values
0 to 255
Applied_Green_Gain = (1 + bManualGreenGain / 128) / MinGain
Where MinGain = the smallest value from either Applied_Red_Gain,
Applied_Green_Gain or Applied_Blue_Gain
0x8655
fManualBlueGain
Default value
0x00
Purpose
User setting for Blue Channel gain.
Type
BYTE
Possible values
0 to 255
Applied_Blue_Gain = (1 + bManualBlueGain / 128) / MinGain
Where MinGain = the smallest value from either Applied_Red_Gain,
Applied_Green_Gain or Applied_Blue_Gain
Table 17.
Automatic frame rate control
Index
AutomaticFrameRateControl register
0x8680
bMode
Default value
0x00
Purpose
Sets manual or auto frame rate
Type
FLAG_e
Possible values
<0x00> Manual frame rate.
<0x01> Automatic frame rate.
0x8681
bImpliedGainThresholdLow_num
Default value
0x05
Purpose
Numerator for calculation of low threshold of automatic framerate control
Type
BYTE
Possible values
0 to 255
Table 16.
White balance controls (continued)
Index
WhiteBalanceControls register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com