Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VL6522 Datasheet(PDF) 30 Page - STMicroelectronics

Part # VL6522
Description  VGA resolution USB2.0 web camera sensor
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6522 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button VL6522 Datasheet HTML 26Page - STMicroelectronics VL6522 Datasheet HTML 27Page - STMicroelectronics VL6522 Datasheet HTML 28Page - STMicroelectronics VL6522 Datasheet HTML 29Page - STMicroelectronics VL6522 Datasheet HTML 30Page - STMicroelectronics VL6522 Datasheet HTML 31Page - STMicroelectronics VL6522 Datasheet HTML 32Page - STMicroelectronics VL6522 Datasheet HTML 33Page - STMicroelectronics VL6522 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 35 page
background image
Package mechanical data
VL6522
30/35
8
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an STMicroelectronics
trademark. ECOPACK specifications are available at: www.st.com.
Caution:
The LGA package is not hermetically sealed. To prevent contamination, handle the device
carefully in a clean environment and avoid contact with any liquids.
Table 23.
POA for optical 36LGA 10X10X1.9 0.8
Reference
Data book (mm)
Typ.
Min.
Max.
A
1.90
1.80
2.00
A4
0.4
0.35
0.45
A5
0.8
0.7
0.9
B1
2.0
B2
3.5
B3
0.55
b
0.30
0.25
0.35
D
10.00
9.90
10.10
D1
9.70
9.60
9.80
D2
5
D4
5.4
e0.8
E
10.00
9.90
10.10
E1
9.70
9.60
9.80
E2
5
E4
4.5
G
1.1
1.0
1.2
G1
1
G2
0.4
0.3
0.5
G3
0.9
0.8
1.0
G4
0.8
H
0.9
0.8
1.0
H1
0.8
H2
0.4
0.3
0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com