Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1305 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1305
Description  High Endurance CMOS 192 bit EEPROM With Secure Logic Access Control
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1305 Datasheet(HTML) 1 Page - STMicroelectronics

  ST1305 Datasheet HTML 1Page - STMicroelectronics ST1305 Datasheet HTML 2Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1/2
BD.05/9803V1
AI01032
RST
VCC
ST1305
GND
I/O
CLK
Figure 1. Delivery Forms
ST1305
High Endurance CMOS 192 bit EEPROM
With Secure Logic Access Control
BRIEF DATA
s
Single 5 V Supply Voltage
s
Programming Time: 5 ms
s
Memory Divided Into:
– 16 bits of Circuit Identification
– 48 bits of Card Identification
– 48 bits of Count Data
– 16 bits of Certificate
– 48 bits of Transport Code
– 64 bits of Issuer Data
s
Counting Capability up to 262,144 Units
s
Circuit Protected by Transport Code for Delivery
from ST to the Customer
s
5 External Contacts Only (ISO 7816 Compatible)
s
Answer to Reset (Fully Compatible with ISO 7816-3)
s
E.S.D. Protection Greater Than 4000 V
s
Power-On and Low VCC Reset
s
10 Years Data Retention
s
1 Million Erase/Write Cycles Endurance
DESCRIPTION
The ST1305 is a 192-bit EEPROM device with associat-
ed security logic to control memory access. The circuit
includes counting capabilities and thus is very well
adapted to prepaid card applications.
The ST1305 is protected by hard-wired security logic
and special fuses. The memory is arranged as a matrix
of 24x8 cells, accessed in a serial bit-wise fashion for
reading and programming, and in a byte-wise fashion
for internal erasing.
The device recognises three commands issued via the
RST and CLK pins (as described in the full data sheet):
– RESET: to reset the internal address register to 00d
– READ: to increment the internal address register,
and read the data bit at that address
– PROG: to program the bit at the current address.
Figure 2. Pin Connection
Table 1. Signal Names
CLK
Clock
RST
Reset
I/O
Serial Data Input/Output
VCC
Supply Voltage
GND
Ground
Micromodule
Wafer


Similar Part No. - ST1305

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1305B STMICROELECTRONICS-ST1305B Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
ST1305B STMICROELECTRONICS-ST1305B Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
ST1305B-D10 STMICROELECTRONICS-ST1305B-D10 Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
ST1305B-D15 STMICROELECTRONICS-ST1305B-D15 Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
ST1305B-W4 STMICROELECTRONICS-ST1305B-W4 Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
More results

Similar Description - ST1305

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC68HC05SC24 MOTOROLA-MC68HC05SC24 Datasheet
86Kb / 2P
Secure 8-bit microcomputer with EEPROM
logo
STMicroelectronics
ST1305B STMICROELECTRONICS-ST1305B Datasheet
30Kb / 2P
Memory Card IC 192 bit High Endurance EEPROM With Secure Logic Access Control
Oct-1999
logo
Texas Instruments
CD74HC195 TI-CD74HC195 Datasheet
42Kb / 6P
High Speed CMOS Logic 4-Bit Parallel Access Register
logo
Catalyst Semiconductor
CAT33C704 CATALYST-CAT33C704 Datasheet
83Kb / 14P
4K-Bit Secure Access Serial E2PROM
CAT35C704 CATALYST-CAT35C704 Datasheet
84Kb / 14P
4K-Bit Secure Access Serial E2PROM
logo
Texas Instruments
CD54HC195 TI-CD54HC195 Datasheet
335Kb / 11P
High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
NXP Semiconductors
PCA24S08 PHILIPS-PCA24S08 Datasheet
122Kb / 16P
1024 짰8-bit CMOS EEPROM with access protection
2004 May 10
logo
Texas Instruments
CD54HC195 TI-CD54HC195_06 Datasheet
341Kb / 13P
High-Speed CMOS Logic 4-Bit Parallel Access Register
CD54HC195 TI-CD54HC195_08 Datasheet
632Kb / 16P
High-Speed CMOS Logic 4-Bit Parallel Access Register
logo
NXP Semiconductors
PCA24S08A NXP-PCA24S08A Datasheet
210Kb / 24P
1024 x 8-bit CMOS EEPROM with access protection
Rev. 01-19 January 2010
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com