Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL50 Datasheet(PDF) 2 Page - LEM

Part # HAL50
Description  Current Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAL50 Datasheet(HTML) 2 Page - LEM

  HAL50 Datasheet HTML 1Page - LEM HAL50 Datasheet HTML 2Page - LEM HAL50 Datasheet HTML 3Page - LEM HAL50 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2/4
1July2015/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
UL 508:Ratings and assumptions of certification HAL 50 .. 600-S
File # E189713 Volume: 2 Section: 1
Standards
● CSA C22.2 NO. 14 - 10 INDUSTRIAL CONTROL EQUIPMENT - Edition 11 - Revision Date 2011/08/01
● UL 508 STANDARD FOR INDUSTRIAL CONTROL EQUIPMENT - Edition 17 - Revision Date 2010/04/15.
Parameter
Symbol
Unit
Value
Primary involved potential
V AC/DC
300
Max surrounding air temperature
T
A
°C
80
Primary current
I
P
A
According to series primary
currents
Secondary supply voltage
U
C
V DC
±15
Output voltage
V
out
V
0 to 4
Conditions of acceptability
When installed in the end-use equipment, consideration shall be given to the following:
1 - These devices must be mounted in a suitable end-use enclosure.
2 - The terminals have not been evaluated for field wiring.
3 - Low voltage circuits are intended to be powered by a circuit derived from an isolating source (such as a transformer,optical
isolator,limiting impedance or electro-mechanical relay) and having no direct connection back to the primary circuit (other
than through the grounding means).
4 - Base on results of temperature tests, in the end use application, a maximum of 100 °C cannot be exceeded at soldering
point between primary coil pin and soldering point of on the primary bus bar (corrected to the appropriate evaluated max.
surrounding air).
Marking
Only those products bearing the UL or UR Mark should be considered to be Listed or Recognized and covered under UL’s
Follow-Up Service.Always look for the Mark on the product.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com