Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL50 Datasheet(PDF) 4 Page - LEM

Part # HAL50
Description  Current Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAL50 Datasheet(HTML) 4 Page - LEM

  HAL50 Datasheet HTML 1Page - LEM HAL50 Datasheet HTML 2Page - LEM HAL50 Datasheet HTML 3Page - LEM HAL50 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Page 4/4
1July2015/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
Dimensions HAL 50 .. 600-S (in mm)
Mechanical characteristics
● General tolerance
±0.5 mm
● Transducer fastening
3 holes
⌀ 4.5
3 M4 steel screws
Recommended fastening torque 1.2 N·m (±10 %)
● Primary through-hole
20.5 × 15 mm
● Connection of secondary
Molex 5045-04A
Remarks
● V
out is positive when IP flows in the direction of the arrow.
● Temperature of the primary conductor should not exceed
90 °C.
● Installation of the transducer must be done unless
otherwise specified on the datasheet, according to LEM
Transducer Generic Mounting Rules. Please refer to
LEM document N°ANE120504 available on our Web site:
Products/Product Documentation.
● Dynamic performances (di/dt and response time) are
best with a single bar completely filling the primary hole.
● This is a standard model. For different versions (supply
voltages, turns ratios, unidirectional measurements...),
please contact us.
第一视角
第三视角
第一视角
第三视角
d
Cl
d
Cp
U
C
U
C
R
M
I
P
U
C
R
M
I
P
U
C
Connection
Connection
d
Cl
d
Cp
U
C
U
C
R
M
I
P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com