Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HAL50 Datasheet(PDF) 1 Page - LEM

Part # HAL50
Description  Current Transducer
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEM [LEM]
Direct Link  http://www.lem.co.jp/HQ/en
Logo LEM - LEM

HAL50 Datasheet(HTML) 1 Page - LEM

  HAL50 Datasheet HTML 1Page - LEM HAL50 Datasheet HTML 2Page - LEM HAL50 Datasheet HTML 3Page - LEM HAL50 Datasheet HTML 4Page - LEM  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Page 1/4
1July2015/version 7
LEM reserves the right to carry out modifications on its transducers, in order to improve them, without prior notice
www.lem.com
N° 60.62.25.000.4, N° 60.62.34.000.4, N° 60.62.44.000.4, N° 60.62.46.000.4, N° 60.62.48.000.4, N° 60.62.50.000.4, N° 60.62.50.000.4
I
PN = 50 .. 600 A
Features
● Hall effect measuring principle
● Insulating plastic case recognized
according to UL 94-V0.
Advantages
● Easy installation
● Low power consumption
● Small size and space saving
● Only one design for wide current
ratings range
● High immunity to external
interference.
Applications
● AC variable speed drives and
servo motor drives
● Static converters for DC motor
drivers
● Battery supplied applications
● Uninterruptible Power Supplies
(UPS)
● Switched Mode Power Supplies
(SMPS)
● Power suppliers for welding
applications.
Application domain
● Industrial.
Current Transducer HAL 50 .. 600-S
For the electronic measurement of currents: DC, AC, pulsed...,
with galvanic separation between the primary circuit and the secondary
circuit.
Electrical data
Type
Primary nominal
Primary current,
rms current
measuring range
I
PN (A)
I
PM (A)
HAL 50-S
50
±150
HAL 100-S
100
±300
HAL 200-S
200
±600
HAL 300-S
300
±900
HAL 400-S
400
±1000
HAL 500-S
500
±1000
HAL 600-S
600
±1000
Î
P
Overload capability (Ampere Turns)
30000
At
V
out
Output voltage (Analog) @ ±I
PN
±4
V
R
L
Load resistance @ T
A = 0 °C .. 70 °C
>1
kΩ
@ T
A = -25 °C .. +85 °C
>3
kΩ
U
C
Supply voltage (±5 %)
±15
V
I
C
Current consumption
<±25
mA
R
IS
Insulation resistance @ 500 V DC
>500
MΩ
Accuracy - Dynamic performance data
X
Accuracy @ I
PN, TA = 25 °C, ±15 V
<±1
% of I
PN
ε
L
Linearity error 1)
<±0.5
% of I
PN
V
OE
Electrical offset voltage @ T
A = 25 °C HAL 50-S
<±20
mV
HAL 100 .. 600-S <±10
mV
V
OM
Magnetic offset voltage @ I
P = 0,
after an overload of 3 × I
PN
HAL 50-S
<±30
mV
HAL 100 .. 200-S
<±20
mV
HAL 300 .. 600-S
<±10
mV
TCV
OE
Temperature coefficient of V
OE
HAL 50-S
<±2.0
mV/K
HAL 100 .. 600-S
<±1.0
mV/K
TCV
out
Temperature coefficient of V
out (% of reading)
<±0.05
%/K
t
r
Step response time to 90 % of I
PN
≤3
µs
BW
Frequency bandwidth (-3 dB) 2)
DC .. 50
kHz
General data
T
A
Ambient operating temperature
-25 .. +85
°C
T
S
Ambient storage temperature
-25 .. +85
°C
m
Mass
75
g
Standards
EN 50178: 1997
UL 508: 2010
Deviation in output when tested to EN 61000-4-6
<20
% of I
PN
Deviation in output when tested to EN 61000-4-3
<20
% of I
PN
Notes: 1) Excludes the electrical offset
2)
Derating is needed to avoid excessive core heating at high frequency.


Similar Part No. - HAL50

ManufacturerPart #DatasheetDescription
logo
LEM
HAL50-S LEM-HAL50-S Datasheet
57Kb / 2P
Current Transducer HAL 50~600-S
HAL50-S LEM-HAL50-S_12 Datasheet
217Kb / 3P
Current Transducer
HAL500-S LEM-HAL500-S Datasheet
57Kb / 2P
Current Transducer HAL 50~600-S
logo
List of Unclassifed Man...
HAL501 ETC-HAL501 Datasheet
315Kb / 44P
Hall Effect Sensor Family
logo
Micronas
HAL501 MICRONAS-HAL501 Datasheet
144Kb / 2P
Multipurpose Hall-Effect Sensor Family
More results

Similar Description - HAL50

ManufacturerPart #DatasheetDescription
logo
LEM
HAL100-S LEM-HAL100-S Datasheet
40Kb / 2P
Current Transducer
HAS50-S LEM-HAS50-S_06 Datasheet
723Kb / 2P
Current Transducer
HAT200-S LEM-HAT200-S Datasheet
374Kb / 3P
Current Transducer
HTFS200-P LEM-HTFS200-P_05 Datasheet
166Kb / 3P
Current Transducer
HX03-SP2 LEM-HX03-SP2 Datasheet
660Kb / 2P
Current Transducer
HXS50-NP LEM-HXS50-NP Datasheet
295Kb / 3P
Current Transducer
LA125-P LEM-LA125-P_06 Datasheet
66Kb / 2P
Current Transducer
LA200-P LEM-LA200-P_06 Datasheet
274Kb / 2P
Current Transducer
LF305-S LEM-LF305-S_06 Datasheet
190Kb / 3P
Current Transducer
LF2005-S LEM-LF2005-S_06 Datasheet
84Kb / 2P
Current Transducer
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com