Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480A Datasheet(PDF) 15 Page - STMicroelectronics

Part # ST1480A
Description  3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480A Datasheet(HTML) 15 Page - STMicroelectronics

Back Button ST1480A Datasheet HTML 11Page - STMicroelectronics ST1480A Datasheet HTML 12Page - STMicroelectronics ST1480A Datasheet HTML 13Page - STMicroelectronics ST1480A Datasheet HTML 14Page - STMicroelectronics ST1480A Datasheet HTML 15Page - STMicroelectronics ST1480A Datasheet HTML 16Page - STMicroelectronics ST1480A Datasheet HTML 17Page - STMicroelectronics ST1480A Datasheet HTML 18Page - STMicroelectronics ST1480A Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
ST1480A
Test circuits and typical characteristics
15/22
Figure 20.
Receiver output current vs output
low voltage
Figure 21.
Receiver output current vs output
high voltage
Figure 22.
Low level driver output capability
Figure 23.
High level driver output capability
Figure 24.
Receiver input characteristics
Figure 25.
Driver short circuit current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com