Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480A Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST1480A
Description  3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480A Datasheet(HTML) 1 Page - STMicroelectronics

  ST1480A Datasheet HTML 1Page - STMicroelectronics ST1480A Datasheet HTML 2Page - STMicroelectronics ST1480A Datasheet HTML 3Page - STMicroelectronics ST1480A Datasheet HTML 4Page - STMicroelectronics ST1480A Datasheet HTML 5Page - STMicroelectronics ST1480A Datasheet HTML 6Page - STMicroelectronics ST1480A Datasheet HTML 7Page - STMicroelectronics ST1480A Datasheet HTML 8Page - STMicroelectronics ST1480A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
May 2006
Rev 2
1/22
22
ST1480A
3.3V Powered, 15KV ESD protected,
Up to 12Mbps true RS-485/RS-422 transceiver
General features
s
ESD protection
– ±15kV human body model
– ±8kV IEC 1000-4-2 contact discharge
s
Operate from a single 3.3V supply - no charge
pump required
s
Interoperable with 5V logic
s
1µA low current shutdown mode max
s
Guaranteed 12Mbps data rate
s
-7 to 12 common mode input voltage range
s
Half duplex versions available
s
Industry standard 75176 pinout
s
Current limiting and thermal shutdown for
driver overload protection
s
Guaranteed high receiver output state for
floating, shorted or terminated inputs with no
signal present
s
Allow up to 64 transceivers on the bus
Description
The ST1480A is ±15kV ESD protected, 3.3V low
power transceiver for RS-485 and RS-422
communications. The device contains one driver
and one receiver in half duplex configuration.
The ST1480A transmits and receives at a
guaranteed data rate of at least 12Mbps.
All transmitter outputs and receiver inputs are
protected to ±15kV using Human Body Model.
Driver is short-circuit current limited and is
protected against excessive power dissipation by
thermal shutdown circuitry that places the driver
outputs into a high-impedance state.
The ST1480A input has a true fail-safe feature
that guarantees a logic high output if both inputs
are open circuit, shorted together or in the
presence of a termination with no signal on the
bus.
DIP-8
SO-8
www.st.com
Order code
Part number
Temperature range
Package
Packaging
ST1480ACN
0 to 70 °C
DIP-8
50parts per tube / 40tube per box
ST1480ABN
-40 to 85 °C
DIP-8
50parts per tube / 40tube per box
ST1480ACDR
0 to 70 °C
SO-8 (Tape & Reel)
2500 parts per reel
ST1480ABDR
-40 to 85 °C
SO-8 (Tape & Reel)
2500 parts per reel


Similar Part No. - ST1480A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
ST1480ABDR STMICROELECTRONICS-ST1480ABDR Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
ST1480AC STMICROELECTRONICS-ST1480AC Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
ST1480ACDR STMICROELECTRONICS-ST1480ACDR Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
ST1480ACDR/US STMICROELECTRONICS-ST1480ACDR/US Datasheet
445Kb / 21P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
06-Apr-2021
More results

Similar Description - ST1480A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E Datasheet
361Kb / 16P
3.3V POWERED, 15KV ESD PROTECTED, TRASMIT AT UP TO 12MBPS TRUE RS-485/RS-422 TRANSCEIVER
02-Apr-1000
logo
Maxim Integrated Produc...
MAX3483E MAXIM-MAX3483E Datasheet
231Kb / 16P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX1480E MAXIM-MAX1480E Datasheet
1Mb / 19P
15kV ESD-Protected, Isolated RS-485/RS-422
Rev 0; 4/01
MAX3480EA MAXIM-MAX3480EA Datasheet
280Kb / 16P
-15kV ESD-Protected, Isolated, 3.3V RS-485/RS-422 Data Interfaces
Rev 0; 4/01
logo
STMicroelectronics
ST3485E STMICROELECTRONICS-ST3485E_06 Datasheet
336Kb / 22P
3.3V Powered, 15KV ESD protected, Up to 12Mbps RS-485/RS-422 transceiver
07-Apr-2006
ST1480AB STMICROELECTRONICS-ST1480AB Datasheet
822Kb / 22P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
19-Nov-2007
logo
Maxim Integrated Produc...
MAX3490ECSA-T MAXIM-MAX3490ECSA-T Datasheet
237Kb / 16P
3.3V-Powered, 15,-15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
Rev 0; 4/99
MAX3070E MAXIM-MAX3070E_14 Datasheet
723Kb / 24P
3.3V, ±15kV ESD-Protected, Fail-Safe, Hot-Swap, RS-485/RS-422 Transceivers
Rev 2; 4/09
MAX3483E MAXIM-MAX3483E_V01 Datasheet
2Mb / 19P
3.3V-Powered, 짹15kV ESD-Protected, 12Mbps and Slew-Rate-Limited True RS-485/RS-422 Transceivers
19-1474; Rev 1; 5/19
logo
STMicroelectronics
ST1480US STMICROELECTRONICS-ST1480US Datasheet
445Kb / 21P
3.3 V powered, 15 kV ESD protected, up to 12 Mbps true RS-485/RS-422 transceiver
06-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com