Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST1480A Datasheet(PDF) 5 Page - STMicroelectronics

Part # ST1480A
Description  3.3V Powered, 15KV ESD protected, Up to 12Mbps true RS-485/RS-422 transceiver
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST1480A Datasheet(HTML) 5 Page - STMicroelectronics

  ST1480A Datasheet HTML 1Page - STMicroelectronics ST1480A Datasheet HTML 2Page - STMicroelectronics ST1480A Datasheet HTML 3Page - STMicroelectronics ST1480A Datasheet HTML 4Page - STMicroelectronics ST1480A Datasheet HTML 5Page - STMicroelectronics ST1480A Datasheet HTML 6Page - STMicroelectronics ST1480A Datasheet HTML 7Page - STMicroelectronics ST1480A Datasheet HTML 8Page - STMicroelectronics ST1480A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
ST1480A
Maximum ratings
5/22
3
Maximum ratings
Note:
Absolute Maximum Ratings are those values beyond which damage to the device may
occur. Functional operation under these condition is not implied.
Table 4.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
7
V
VI
Control input voltage (RE, DE)
-0.3 to 7
V
VDI
Driver input voltage (DI)
-0.3 to 7
V
VDO
Driver output voltage (A, B)
± 14
V
VRI
Receiver input voltage (A, B)
± 14
V
VRO
Receiver output voltage (RO)
-0.3 to (VCC + 0.3)
V
Table 5.
ESD Performance: transmitter outputs, receiver inputs
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
ESD
ESD Protection voltage
Human body model
± 15
KV
ESD
ESD Protection voltage
IEC-1000-4-2 Contact discharge
± 8KV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com