Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST14C02C Datasheet(PDF) 11 Page - STMicroelectronics

Part # ST14C02C
Description  Memory Card IC 2 Kbit 256 x 8 Serial I2C Bus EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST14C02C Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ST14C02C Datasheet HTML 4Page - STMicroelectronics ST14C02C Datasheet HTML 5Page - STMicroelectronics ST14C02C Datasheet HTML 6Page - STMicroelectronics ST14C02C Datasheet HTML 7Page - STMicroelectronics ST14C02C Datasheet HTML 8Page - STMicroelectronics ST14C02C Datasheet HTML 9Page - STMicroelectronics ST14C02C Datasheet HTML 10Page - STMicroelectronics ST14C02C Datasheet HTML 11Page - STMicroelectronics ST14C02C Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
11/12
ST14C02C
Table 10. Ordering Information Scheme
Example:
ST14C02C -
D20
Delivery Form
D15
Module on Super 35 mm film
D20
Module on Super 35 mm film
W2
Unsawn wafer (275
µm ± 25 µm thickness)
W4
Unsawn wafer (180
µm ± 15 µm thickness)
S2x
Sawn wafer (275
µm ± 25 µm thickness)
S4x
Sawn wafer (180
µm ± 15 µm thickness)
where “x” indicates the sawing orientation, as follows (and as shown in Figure 11)
1
GND at top right
2
GND at bottom right
3
GND at bottom left
4
GND at top left
Figure 11. Sawing Orientation
AI02171
1
ORIENTATION
GND
GND
GND
GND
23
4
VIEW: WAFER FRONT SIDE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com