Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST14C02C Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST14C02C
Description  Memory Card IC 2 Kbit 256 x 8 Serial I2C Bus EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST14C02C Datasheet(HTML) 1 Page - STMicroelectronics

  ST14C02C Datasheet HTML 1Page - STMicroelectronics ST14C02C Datasheet HTML 2Page - STMicroelectronics ST14C02C Datasheet HTML 3Page - STMicroelectronics ST14C02C Datasheet HTML 4Page - STMicroelectronics ST14C02C Datasheet HTML 5Page - STMicroelectronics ST14C02C Datasheet HTML 6Page - STMicroelectronics ST14C02C Datasheet HTML 7Page - STMicroelectronics ST14C02C Datasheet HTML 8Page - STMicroelectronics ST14C02C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
DS.ST14C02C/9811V2
ST14C02C
Memory Card IC
2 Kbit (256 x 8) Serial I2C Bus EEPROM
s
Single Supply Voltage (3 V to 5.5 V)
s
Two Wire I2C Serial Interface
s
BYTE and MULTBYTE WRITE (up to 4 Bytes)
s
PAGE WRITE (up to 8 Bytes)
s
BYTE, RANDOM and SEQUENTIAL READ
Modes
s
Self-Timed Programming Cycle
s
Automatic Address Incrementing
s
Enhanced ESD/Latch-Up Behavior
s
1 Million Erase/Write Cycles (minimum)
s
10 Year Data Retention (minimum)
DESCRIPTION
This device is an electrically erasable programma-
ble
memory
(EEPROM)
fabricated
with
STMicroelectronics’s High Endurance, Advanced
Polysilicon, CMOS technology. This guarantees
an endurance typically well above one million
Erase/Write cycles, with a data retention of 10
years. The memory operates with a power supply
as low as 3 V.
The device is available in wafer form (either sawn
or unsawn) and in micromodule form (on film).
The memory is compatible with the I2C standard.
This is a two wire serial interface that uses a bi-di-
rectional data bus and serial clock. The memory
carries a built-in 7-bit unique Device Type Identifi-
er code (1010000) in accordance with the I2C bus
definition. Only one memory can be attached to
each I2C bus.
Figure 1. Logic Diagram
AI01162
SCL
VCC
ST14C02C
GND
SDA
MODE
Table 1. Signal Names
SDA
Serial Data/Address Input/
Output
SCL
Serial Clock
MODE
Write Mode
VCC
Supply Voltage
GND
Ground
Micromodule (D15)
Wafer
Micromodule (D20)


Similar Part No. - ST14C02C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST14C02C STMICROELECTRONICS-ST14C02C Datasheet
277Kb / 13P
Memory Micromodules General Information for D1, D2 and C Packaging
Dec-1999
More results

Similar Description - ST14C02C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M14256 STMICROELECTRONICS-M14256 Datasheet
111Kb / 12P
Memory Card IC 256/128 Kbit Serial I²C Bus EEPROM
Oct-1999
logo
Siemens Semiconductor G...
SDA2526-2 SIEMENS-SDA2526-2 Datasheet
1,019Kb / 12P
NONVOLATILE MEMORY 2-Kbit EEPROM WITH I2C BUS
logo
STMicroelectronics
M24256-BW STMICROELECTRONICS-M24256-BW_12 Datasheet
410Kb / 41P
256-Kbit serial I²C bus EEPROM
18-Sep-2012
M24256-DRMN6TP STMICROELECTRONICS-M24256-DRMN6TP Datasheet
415Kb / 40P
256-Kbit serial I짼C bus EEPROM
17-Dec-2012
M24128-DFDW6TP STMICROELECTRONICS-M24128-DFDW6TP Datasheet
1Mb / 40P
128-Kbit serial I2C bus EEPROM
04-Apr-2013
M24C64-FMC6TG STMICROELECTRONICS-M24C64-FMC6TG Datasheet
465Kb / 42P
64-Kbit serial I2C bus EEPROM
28-Aug-2012
M24256-BFDW6TP STMICROELECTRONICS-M24256-BFDW6TP Datasheet
415Kb / 40P
256-Kbit serial I²C bus EEPROM
17-Dec-2012
M24256-BFMC6TG STMICROELECTRONICS-M24256-BFMC6TG Datasheet
716Kb / 39P
256-Kbit serial I짼C bus EEPROM
21-Feb-2014
M24256E-F STMICROELECTRONICS-M24256E-F Datasheet
864Kb / 46P
256-Kbit serial I2C bus EEPROM with configurable device address
August 2022 Rev 2
M24C16-W STMICROELECTRONICS-M24C16-W Datasheet
654Kb / 40P
16-Kbit serial I2C bus EEPROM
12-Oct-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com