Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST14C02C Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST14C02C
Description  Memory Card IC 2 Kbit 256 x 8 Serial I2C Bus EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST14C02C Datasheet(HTML) 3 Page - STMicroelectronics

  ST14C02C Datasheet HTML 1Page - STMicroelectronics ST14C02C Datasheet HTML 2Page - STMicroelectronics ST14C02C Datasheet HTML 3Page - STMicroelectronics ST14C02C Datasheet HTML 4Page - STMicroelectronics ST14C02C Datasheet HTML 5Page - STMicroelectronics ST14C02C Datasheet HTML 6Page - STMicroelectronics ST14C02C Datasheet HTML 7Page - STMicroelectronics ST14C02C Datasheet HTML 8Page - STMicroelectronics ST14C02C Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
ST14C02C
Figure 4. Maximum RL Value versus Bus Capacitance (CBUS) for an I
2C Bus
AI01100
VCC
CBUS
SDA
RL
MASTER
RL
SCL
CBUS
100
200
300
400
0
4
8
12
16
20
CBUS (pF)
VCC = 5V
SIGNAL DESCRIPTION
Serial Clock (SCL)
The SCL input pin is used to synchronize all data
in and out of the memory. A pull up resistor can be
connected from the SCL line to VCC. (Figure 4 in-
dicates how the value of the pull-up resistor can be
calculated).
Serial Data (SDA)
The SDA pin is bi-directional, and is used to trans-
fer data in or out of the memory. It is an open drain
output that may be wire-OR’ed with other open
drain or open collector signals on the bus. A pull
up resistor must be connected from the SDA bus
to VCC. (Figure 4 indicates how the value of the
pull-up resistor can be calculated).
Mode (MODE)
The MODE input may be driven dynamically. It
must be held at:
s
VIL or VIH for the Byte Write mode
s
VIH for Multibyte Write mode
s
VIL for Page Write mode
When unconnected, the MODE input is internally
read as a VIH (Multibyte Write mode). Note that the
voltages are CMOS levels, and are not TTL com-
patible.
On the D15 micromodule, the MODE pin is not
connected to a contact. This pin is left floating on
the silicon. This type of ST14C02C is always in its
MultiByte mode, and cannot be changed from this.
DEVICE OPERATION
The memory device supports the I2C protocol, as
summarized in Figure 5. Any device that sends
data on to the bus is defined to be a transmitter,
and any device that reads the data to be a receiv-
er. The device that controls the data transfer is
known as the master, and the other as the slave.
A data transfer can only be initiated by the master,
which will also provide the serial clock for synchro-
nization. The memory device is always a slave de-
vice in all communication.
Table 3. Endurance and Data Retention
Device
Endurance (Erase/Write Cycles)
Data Retention (Years)
ST14C02C
1,000,000
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com