Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7622ACPD Datasheet(PDF) 11 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 11 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 7Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 8Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 9Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 10Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 11Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 12Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 13Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 14Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 15Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
______________________________________________________________________________________
11
TOP VIEW
ICL7631/32
16 LEAD
NOTE: PINS 5 & 15 ARE INTERNALLY CONNECTED
OUT
IOC SET
N.C.
-INA
V+
1
2
16
15
SET IOC
+INC
V-
6
8
11
-INB
V+
-INC
710
IOB SET
512
+INB
OUTB
413
OUTA
+INA
314
9
+
-
A
+
-
A
+
-
C
+
-
B
ICL7641/42
16 LEAD WIDE S.O.
OUTC
OUTD
OUTA
-INA
-IND
1
2
16
15
-INB
N.C.
N.C.
6
8
11
+INC
INB
OUTB
710
-INC
512
V-
V+
413
+IND
+INA
314
9
+-
D
+
-
B
+-
C
+
-
A
ICL7641/42
14 LEAD
OUTC
OUTD
OUTA
-INA
-IND
1
2
16
15
-INB
611
+INC
INB
OUTB
710
-INC
512
V-
V+
413
+IND
+INA
314
+-
D
+
-
B
+-
C
Pin Configurations
Ordering Information (Triple/Quad)
PART
TEMP RANGE
PIN-PACKAGE
ICL763XBCPE
0°C to +70°C
16 Plastic Dip
ICL763XBCSE
0°C to +70°C
16 Slim SO
ICL763XCCPE
0°C to +70°C
16 Plastic Dip
ICL763XCCSE
0°C to +70°C
16 Slim SO
ICL763XECPE
0°C to +70°C
16 Plastic Dip
ICL763XECSE
0°C to +70°C
16 Slim SO
ICL763XBCJE
0°C to +70°C
16 CERDIP
ICL763XCCJE
0°C to +70°C
16 CERDIP
ICL763XECJE
0°C to +70°C
16 CERDIP
ICL763XBMJE
-55°C to +125°C
16 CERDIP
ICL763XCMJE
-55°C to +125°C
16 CERDIP
PART
TEMP RANGE
PIN-PACKAGE
ICL764XBCPD
0°C to +70°C
14 Plastic Dip
ICL764XBCWE
0°C to +70°C
16 Wide SO
ICL764XCCPD
0°C to +70°C
14 Plastic Dip
ICL764XCCWE
0°C to +70°C
16 Wide SO
ICL764XECPD
0°C to +70°C
14 Plastic Dip
ICL764XECWE
0°C to +70°C
16 Wide SO
ICL764XBCJD
0°C to +70°C
14 CERDIP
ICL764XCCJD
0°C to +70°C
14 CERDIP
ICL764XECJD
0°C to +70°C
14 CERDIP
ICL764XBMJD
-55°C to +125°C
14 CERDIP
ICL764XCMJD
-55°C to +125°C
14 CERDIP
Note: X above is replaced by 1, 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com