Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7622ACPD Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 18Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 19Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 20Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 21Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 22Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 23Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 24Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 25Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
22
______________________________________________________________________________________
Single-Supply Operation
The ICL7611 family will operate from a single 2V to 16V
power supply. The common-mode voltage range of the
standard amplifier types when operated from a single
supply is 1.0V to (V+ - 0.6V) at 10µA IQ. At 100µA IQ,
the CMVR is 1.0V to (V+ - 0.8V), and at 1mA IQ, the
CMVR is 1.3V to (V+ - 1.3V). If this CMVR range is
insufficient, use the ICL7612, whose CMVR includes
both ground and V+, or the ICL7616, whose CMVR
includes ground.
A convenient way to generate a psuedo-ground at V+/2
is to use one op amp of a quad to buffer a V+/2 voltage
from a high-impedance resistive divider.
Low-Voltage Operation
Operation at VSUPP = ±1.0V is only guaranteed at IQ =
10µA. Output swings to within a few millivolts of the
supply rails are achievable for RL (> or =) 1MΩ.
Guaranteed input CMVR is ±0.6V minimum and typical-
ly +0.9V to -0.7V at VSUPP = ±1.0V. For applications
where greater common-mode range is desirable, see
the description of ICL7612 and ICL7616 above.
Applications Information
Note that in no case is IQ shown. The value of IQ must
be chosen by the designer with regard to frequency
response and power dissipation.
Figure 1. Instrumentation Amplifier—Adjust R3 to improve
CMRR. The offset of all three amplifiers is nulled by the offset
adjustment of A2.
Figure 2. Simple Follower—By using the ICL7612 in these
applications, the circuits will follow rail-to-rail inputs
-
-
+
+
A1
+
-
A2
R
R
R3
R2
R2
25kΩ
R3
R1
+18V
VOUT
+
-
A3
VIN
GAIN =
( +1)
R3
R
2R2
R1
ICL7612
+
-
VOUT
VIN
RL ≥ 10kΩ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com