Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICL7622ACPD Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # ICL7622ACPD
Description  Single/Dual/Triple/Quad Operational Amplifiers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

ICL7622ACPD Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button ICL7622ACPD Datasheet HTML 18Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 19Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 20Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 21Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 22Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 23Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 24Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 25Page - Maxim Integrated Products ICL7622ACPD Datasheet HTML 26Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 24 / 26 page
background image
Single/Dual/Triple/Quad
Operational Amplifiers
24
______________________________________________________________________________________
Figure 9. Low Droop Rate Sample and Hold—S2 improves
accuracy and acquisition time by including the voltage drop
across S1 inside the feedback loop. R1 closes the feedback
loop of A1 during the hold phase. The droop rate is [IBIAS(AZ)
+ ILEAK(S1) + ILEAK(S2)]/CHOLD.
ICL7622
A1
IH5141
1⁄2
ICL7622
A2
1⁄2
S/H
CONTROL
INPUT
VIN
VOUT
CHOLD
100kΩ
R1
S1
S2
Figure 10. Long-Time Constant Integrator—With RIN = 1011Ω,
the time constant of this integrator is 100,000s. Since the input
voltage is converted to a current by RIN, the input voltage can
far exceed the power-supply range.
-
+
CINT
RIN
VIN
VOUT
1μF
Figure 11. Pico Ammeter—The response time of this curcuit is
RFB x CFB, where CFB is the stray capacitance between the
output and the inverting terminal of the amplifier.
Figure 12. 60Hz Twin “T“ Notch Filter—The low 1pA bias cur-
rent of the ICL7611 allows use of small 540pF and 270pF
capacitors, even with a notch frequency of 60Hz. The 60Hz
rejection is approximately 40dB.
+
-
CURRENT
SOURCE
CFB
RFB - 1011Ω
VO = 100mV/pA
+
-
OUTPUT
VIN
ICL7611
10MΩ
10MΩ
270pF
270pF
540pF
5MΩ
CINT
LONG TIME CONSTANT INTEGRATOR
(Detailed Circuit Diagram — Figure 10)
-
+
RIN
VOUT
VIN
Typical Operating Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com