Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1437782 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1437782
Description  Bus system flush-type socket - SACCBP-FSD-4CONPG9/ 2,0-933SCO - 1437782
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1437782 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1437782 Datasheet HTML 1Page - PHOENIX CONTACT 1437782 Datasheet HTML 2Page - PHOENIX CONTACT 1437782 Datasheet HTML 3Page - PHOENIX CONTACT 1437782 Datasheet HTML 4Page - PHOENIX CONTACT 1437782 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
https://www.phoenixcontact.com/gb/products/1437782
08/06/2016   Page 3 / 5
Bus system flush-type socket - SACCBP-FSD-4CON-
PG9/2,0-933SCO - 1437782
Technical data
Cable
Minimum bending radius, fixed installation
3 x D
Minimum bending radius, flexible installation
7 x D
Cable weight
67 kg/km
Outer sheath, material
PVC
Material, inner sheath
PVC
Material conductor insulation
PE
Conductor material
Tin-plated Cu litz wires
Insulation resistance
≥ 500 MΩ*km
Loop resistance
≤ 120 Ω (per km)
Wave impedance
100 Ω ±15 Ω (at 100 MHz)
Signal speed
0.66 c
Signal runtime
5.3 ns/m
Coupling resistance
≤ 20.00 mΩ/m (At 10 MHz)
Nominal voltage, cable
600 V
Test voltage Core/Core
2000 V (50 Hz, 1 min.)
Test voltage Core/Shield
2000 V (50 Hz, 1 min.)
Flame resistance
According to UL 1685 (CSA FT 4)
Resistance to oil
Resistant to oil to a limited extent
Other resistance
UV resistant According to UL 1581, Section 1200
Ambient temperature (operation)
-40 °C ... 70 °C (cable, fixed installation)
-40 °C ... 70 °C (cable, flexible installation)
Ambient temperature (installation)
-20 °C ... 60 °C
Ambient temperature (storage/transport)
-50 °C ... 70 °C
Drawings
Dimensional drawing
13,5
1x45°
max.4,5
+0,1
Housing cutout for Pg9 fastening thread, mounting panel with feed-
through hole (alternatively with surface as protection against rotation)
Schematic diagram
Pin assignment M12 socket, 4-pos., D-coded, female side



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com