Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1437782 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1437782
Description  Bus system flush-type socket - SACCBP-FSD-4CONPG9/ 2,0-933SCO - 1437782
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1437782 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1437782 Datasheet HTML 1Page - PHOENIX CONTACT 1437782 Datasheet HTML 2Page - PHOENIX CONTACT 1437782 Datasheet HTML 3Page - PHOENIX CONTACT 1437782 Datasheet HTML 4Page - PHOENIX CONTACT 1437782 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
https://www.phoenixcontact.com/gb/products/1437782
08/06/2016   Page 2 / 5
Bus system flush-type socket - SACCBP-FSD-4CON-
PG9/2,0-933SCO - 1437782
Technical data
General
there is a danger of contamination, the connector must be sealed using
a protective cap > IP54. Influences arising from litz wires, cables or PCB
assembly must also be taken into consideration.
Rated current at 40°C
4 A
Rated voltage
250 V
Rated surge voltage
2.5 kV
Number of positions
4
Coding
D - data
Signal type/category
PROFINET CAT5 (IEC 11801:2002), 100 Mbps
Overvoltage category
II
Degree of pollution
3
Insertion/withdrawal cycles
≥ 100
Torque
2 Nm ... 3 Nm (Installation-side)
Material
Flammability rating according to UL 94
V0
Contact material
CuZn
Contact surface material
Ni/Au
Contact carrier material
PA 66
Material, knurls
Nickel-plated brass
Sealing material
FKM
Standards and Regulations
Flammability rating according to UL 94
V0
Cable
Cable type
PROFINET PVC stranded CAT5
Cable type (abbreviation)
93B
UL AWM style
21694
Signal type/category
PROFINET CAT5 (IEC 11801), 100 Mbps
Cable structure
1x4xAWG22/7; SF/TQ
Conductor cross section
4x 0.34 mm²
AWG signal line
22
Conductor structure signal line
7x 0.25 mm
Core diameter including insulation
1.55 mm
Wire colors
White, yellow, blue, orange
Overall twist
Star quad
Shielding
Aluminum-coated foil, tinned copper braided shield
Optical shield covering
85 %
External sheath, color
green RAL 6018
Outer sheath thickness
approx. 0.9 mm
External cable diameter D
6.5 mm ±0.2 mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com