Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1437782 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1437782
Description  Bus system flush-type socket - SACCBP-FSD-4CONPG9/ 2,0-933SCO - 1437782
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1437782 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1437782 Datasheet HTML 1Page - PHOENIX CONTACT 1437782 Datasheet HTML 2Page - PHOENIX CONTACT 1437782 Datasheet HTML 3Page - PHOENIX CONTACT 1437782 Datasheet HTML 4Page - PHOENIX CONTACT 1437782 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
https://www.phoenixcontact.com/gb/products/1437782
08/06/2016   Page 4 / 5
Bus system flush-type socket - SACCBP-FSD-4CON-
PG9/2,0-933SCO - 1437782
Cable cross section
PROFINET PVC stranded CAT5 [93B]
Dimensional drawing
18
2
2,8
6,5
17
18
6,25Nm
18
M12 panel feed-through
Circuit diagram
1
YE
3
OG
2
WH
4
BU
Contact assignment of the M12 socket
Classifications
eCl@ss
eCl@ss 4.0
27250313
eCl@ss 4.1
27250313
eCl@ss 5.0
27143423
eCl@ss 5.1
27143423
eCl@ss 6.0
27143423
eCl@ss 7.0
27449001
eCl@ss 8.0
27440103
eCl@ss 9.0
27440102
ETIM
ETIM 3.0
EC002061
ETIM 4.0
EC000830
ETIM 5.0
EC002061
UNSPSC
UNSPSC 6.01
31251501
UNSPSC 7.0901
31251501
UNSPSC 11
31251501
UNSPSC 12.01
31251501



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com