Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS6.A Datasheet(PDF) 3 Page - Taoglas antenna solutions

Part # MCS6.A
Description  NB-IoT / CAT M1 Low Profile 4G SMD Dielectric Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MCS6.A Datasheet(HTML) 3 Page - Taoglas antenna solutions

  MCS6.A Datasheet HTML 1Page - Taoglas antenna solutions MCS6.A Datasheet HTML 2Page - Taoglas antenna solutions MCS6.A Datasheet HTML 3Page - Taoglas antenna solutions MCS6.A Datasheet HTML 4Page - Taoglas antenna solutions MCS6.A Datasheet HTML 5Page - Taoglas antenna solutions MCS6.A Datasheet HTML 6Page - Taoglas antenna solutions MCS6.A Datasheet HTML 7Page - Taoglas antenna solutions MCS6.A Datasheet HTML 8Page - Taoglas antenna solutions MCS6.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
SPE-17-8-036-A
www.taoglas.com
The MCS6.A is a low profile SMD NB-IoT / CAT M1 Bands / 4G/3G/2G embedded antenna designed for
direct SMD mount on a device PCB. It provides high efficiency in a very small form factor of just
42*10*3mm.
NB-IoT / CAT M1 is a low power wide area (LPWA) technology specifically designed for IoT and M2M. NB-
IoT / CAT M1 technology offers lower maintenance cost, with greater efficiency and reliability by reducing
power consumption and providing deeper penetration compared to standard cellular technologies. It
operates on secure mobile networks making it suited to automotive, smart meter, medical and smart city
applications.
If tuning is required, the MCS6.A can be tuned for the device environment without the need for new
tooling. Its rectangular shape and very small size make it very easy to integrate. It is supplied on tape and
reel ensuring that it can be mounted via pick and place to reflow solder directly on the edge of the PCB
board.
This antenna is recommended to be used with longer ground-plane lengths of 120mm or more to attain its
highest rated efficiency. Note the Return Loss and Efficiency graphs on Page 16.
Contact your regional Taoglas Customer Support Team for quick and professional support from our senior
engineering team on integration and matching of the antenna to your device.
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction
1.
Introduction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com