Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS6.A Datasheet(PDF) 5 Page - Taoglas antenna solutions

Part # MCS6.A
Description  NB-IoT / CAT M1 Low Profile 4G SMD Dielectric Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MCS6.A Datasheet(HTML) 5 Page - Taoglas antenna solutions

  MCS6.A Datasheet HTML 1Page - Taoglas antenna solutions MCS6.A Datasheet HTML 2Page - Taoglas antenna solutions MCS6.A Datasheet HTML 3Page - Taoglas antenna solutions MCS6.A Datasheet HTML 4Page - Taoglas antenna solutions MCS6.A Datasheet HTML 5Page - Taoglas antenna solutions MCS6.A Datasheet HTML 6Page - Taoglas antenna solutions MCS6.A Datasheet HTML 7Page - Taoglas antenna solutions MCS6.A Datasheet HTML 8Page - Taoglas antenna solutions MCS6.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
5
SPE-17-8-036-A
www.taoglas.com
5G/4G Bands
Band Number
5GNR / FR1 / LTE / LTE-Advanced / WCDMA / HSPA / HSPA+ / TD-SCDMA
Uplink
Downlink
Covered
1
UL: 1920 to 1980
DL: 2110 to 2170
✓
2
UL: 1850 to 1910
DL: 1930 to 1990
✓
3
UL: 1710 to 1785
DL: 1805 to 1880
✓
4
UL: 1710 to 1755
DL: 2110 to 2155
✓
5
UL: 824 to 849
DL: 869 to 894
✓
7
UL: 2500 to 2570
DL:2620 to 2690
✓
8
UL: 880 to 915
DL: 925 to 960
✓
9
UL: 1749.9 to 1784.9
DL: 1844.9 to 1879.9
✓
11
UL: 1427.9 to 1447.9
DL: 1475.9 to 1495.9
✓
12
UL: 699 to 716
DL: 729 to 746
✓
13
UL: 777 to 787
DL: 746 to 756
✓
14
UL: 788 to 798
DL: 758 to 768
✓
17
UL: 704 to 716
DL: 734 to 746 (LTE only)
✓
18
UL: 815 to 830
DL: 860 to 875 (LTE only)
✓
19
UL: 830 to 845
DL: 875 to 890
✓
20
UL: 832 to 862
DL: 791 to 821
✓
21
UL: 1447.9 to 1462.9
DL: 1495.9 to 1510.9
✓
22
UL: 3410 to 3490
DL: 3510 to 3590
✓
23
UL:2000 to 2020
DL: 2180 to 2200 (LTE only)
✓
24
UL:1625.5 to 1660.5
DL: 1525 to 1559 (LTE only)
✓
25
UL: 1850 to 1915
DL: 1930 to 1995
✓
26
UL: 814 to 849
DL: 859 to 894
✓
27
UL: 807 to 824
DL: 852 to 869 (LTE only)
✓
28
UL: 703 to 748
DL: 758 to 803 (LTE only)
✓
29
UL: -
DL: 717 to 728 (LTE only)
✓
30
UL: 2305 to 2315
DL: 2350 to 2360 (LTE only)
31
UL: 452.5 to 457.5
DL: 462.5 to 467.5 (LTE only)
32
UL: -
DL: 1452 - 1496
35
1850 to 1910
✓
38
2570 to 2620
✓
39
1880 to 1920
✓
40
2300 to 2400
41
2496 to 2690
✓
42
3400 to 3600
43
3600 to 3800
48
3550 to 3700
66
UL: 1710-1780
DL: 2110-2200
✓
71
617 to 698
74/75/76
1427 to 1518
78
3300 to 3800
79
4400 to 5000
*Covered Bands Represent Efficiency over 20%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com