Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCS6.A Datasheet(PDF) 4 Page - Taoglas antenna solutions

Part # MCS6.A
Description  NB-IoT / CAT M1 Low Profile 4G SMD Dielectric Antenna
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAOGLAS [Taoglas antenna solutions]
Direct Link  http://www.taoglas.com
Logo TAOGLAS - Taoglas antenna solutions

MCS6.A Datasheet(HTML) 4 Page - Taoglas antenna solutions

  MCS6.A Datasheet HTML 1Page - Taoglas antenna solutions MCS6.A Datasheet HTML 2Page - Taoglas antenna solutions MCS6.A Datasheet HTML 3Page - Taoglas antenna solutions MCS6.A Datasheet HTML 4Page - Taoglas antenna solutions MCS6.A Datasheet HTML 5Page - Taoglas antenna solutions MCS6.A Datasheet HTML 6Page - Taoglas antenna solutions MCS6.A Datasheet HTML 7Page - Taoglas antenna solutions MCS6.A Datasheet HTML 8Page - Taoglas antenna solutions MCS6.A Datasheet HTML 9Page - Taoglas antenna solutions Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4
SPE-17-8-036-A
www.taoglas.com
Electrical
Frequency (MHz)
Band 2
Band 4
Band 12
Tx
Rx
Tx
Rx
Tx
Rx
1850-1910
1930-1990
1710-1755
2110-2155
699-716
729-746
Peak Gain (dBi)
On Evaluation Board
2.76
3.26
3.11
3.75
-1.05
-0.02
Average Gain (dB)
On Evaluation Board
-2.04
-1.67
-1.65
-1.85
-3.50
-2.25
Efficiency (%)
On Evaluation Board
62.46
67.47
68.33
65.67
44.58
59.60
Return Loss(dB)
On Evaluation
Board
Typical
<-10
<-10
<-10
<-10
<-10
<-10
On Evaluation
Board
Band
Edge
<-6
<-6
<-7
<-7
<-5
<-5
Impedance
50Ω
Polarization
Linear
Maximum Input Power
5W
Mechanical
Antenna Dimensions
42mm x 10mm x 3mm
Material
FR4
Weight
2.50g
Soldering Type
SMT through Reflow
Environmental
Operation Temperature
-40°C ~ +85°C
Storage Temperature
-40°C ~ +85°C
*All measurements were done on 123*45mm Evaluation board with 100mm length ground plane.
2.
Specifications
3.
Antenna Characteristics2.
Specifications
3.
Antenna Characteristics
4.
Antenna Radiation Patterns3.Antenna
Characteristics2.
Specifications
3.
Antenna Characteristics2.
Specifications
3.
Antenna Characteristics
4.
Antenna Radiation Patterns3.Antenna
Characteristics
4.
Antenna Radiation Patterns
4.
Antenna Radiation Patterns3.Antenna
Characteristics
4.
Antenna Radiation Patterns3.Antenna
Characteristics2.
Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com