Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SX Datasheet(PDF) 5 Page - Honeywell Solid State Electronics Center

Part # 3SX
Description  Premium Subminiature Basic Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

3SX Datasheet(HTML) 5 Page - Honeywell Solid State Electronics Center

  3SX Datasheet HTML 1Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 2Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 3Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 4Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 5Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 6Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 7Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 8Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 9Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
sensing.honeywell.com
MICRO SWITCH™ Premium Subminiature Basic Switches
Table 1. Specifications
Characteristic
Parameter
Differentiator
low operating force to 0,147 N [15 g] max; sensitive differential travel as low as 0,025 mm [0.001 in] max.;
power load switching capability to 7 A
Ampere rating
1 A to 7 A
Circuitry
SPDT, SPNO
Operating force
0.71 oz to 6 oz
Termination
quick connect, solder, pcb
Actuator
pin plunger, straight lever, roller lever, simulated roller lever, offset flag lever, crossed roller lever
Voltage
125 Vac, 250 Vac, 28 Vdc
Circuitry
SPNO, SPDT, DPDT
Agency approvals
UL, CE, CSA, ENEC, MIL-PRF-8805, FAA-PMA
Agency file information
UL: E12252; CSA: LR41372
Operating temperature
-54 °C to 121 °C [-65 °F to 250 °F]; select catalog listings 204 °C [400 °F]
Contacts
silver, gold-plated, bifurcated gold
Housing
phenolic or thermoplastic polyester
Sealing
not weather sealed
Mechanical life
up to 10,000,000 operations for 11SX Series
up to 1,000,000 operations for 1SX Series
Size
10,2 mm H x 5,08 mm W x 12,7 mm L [0.4 in H x 0.20 in W x 0.5 in L]
ELECTRICAL DATA AND UL CODES
Table 2. UL Electrical Ratings
Code
Circuitry
Electrical data and UL codes
A
SPDT
5 A res., 3 A ind., (sea level),
4 A res., 2 A ind., (50,000 feet), 28 Vdc
5 A res. or ind. 115 Vac, 60 Hz. UL/CSA rating: 5 A, 250 Vac
B
SPDT
7 A res., 4 A ind., (sea level),
7 A res., 2.5 A ind., (50,000 feet), 28 Vdc. UL/CSA rating: 7 A, 250 Vac
C
SPDT
3.5 A res., 2 A ind., (sea level),
3.5 A res., 1.5 A ind., (50,000 feet), 28 Vdc. UL rating: 7 A, 250 Vac
D
SPDT
1 A res., 0.5 amp ind., (sea level and 50,000 feet), 28 Vdc.
UL/CSA rating: 1 amp, 125 Vac
E
SPDT
3 A res., 2 A ind., (sea level), 28 Vdc.
UL rating: 3 A, 250 Vac
F
SPDT
7 A res., 4 A ind., 2.5 A lamp load, (sea level),
4 A res., 2.5 A ind., 2.5 A lamp load, (50,000 feet), 28 Vdc.
7 A res., 7 A ind., 2 A lamp load, 115 Vac, 60 Hz (sea level)
G
SPDT
2 A res., lamp ind., (sea level) 28 Vdc
H
SPDT
.010 A res. and ind., (sea level). 28 Vdc.
UL/CSA rating: 1 A, 125 Vac
I
SPDT
7 A res., 4 A ind., (sea level), 28 Vdc
L
SPDT
1 A res., 1/2 A ind., (sea level) 28 Vdc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com