Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SX Datasheet(PDF) 6 Page - Honeywell Solid State Electronics Center

Part # 3SX
Description  Premium Subminiature Basic Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

3SX Datasheet(HTML) 6 Page - Honeywell Solid State Electronics Center

Back Button 3SX Datasheet HTML 2Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 3Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 4Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 5Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 6Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 7Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 8Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 9Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 10Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6 sensing.honeywell.com
SX Series
O.F. • Operating force
R.F. • Release force
P.T. • Pretravel
O.T. • Overtravel
D.T. • Differential travel
O.P. • Operating position
MICRO SWITCH™ SX SERIES ORDER GUIDE • PIN PLUNGER
Catalog
Listing
Recommended For
O.F.
N [oz]
R.F. min.
N [ oz]
P.T. max.
mm [in]
O.T. min.
mm [in]
D.T.
mm [in]
O.P. *
mm [in]
12SX2-T
Bifurcated gold contacts
0.01 A
H
0.7 to 1,39
[2.5 to 5]
0,28 [1]
0,51 [0.02] 0,1 [0.004]
0,051
[0.002]
8,13 [0.32]
3SX1-T
Gold-plated contacts
(1SX type)
1 A
D
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004] 0,13 [0.005] 8,13 [0.32]
12SX1-T
Enhanced reliability (gold
bifurcated contacts)
1 A
D
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004]
0,076
[0.003]
8,13 [0.32]
12SX3-T
Lowest differential travel,
bifurcated gold contacts
1 A
H
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004]
0,025
[0.001]
8,13 [0.32]
13SX21-T
Gold-plated contacts
(11SX type)
1 A
D
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004]
0,051
[0.002]
8,13 [0.32]
23SX39-T
(MS24547-2)
MIL-PRF-8805, gold
contacts, 82 °C [180 °F]
max. use
1 A
D
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004] 0,13 [0.005] 8,13 [0.32]
23SX39-T2
(MS24547-5)
MIL-PRF-8805, gold
contacts, 82 °C [180 °F]
max. use
1 A
D
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004] 0,13 [0.005] 8,13 [0.32]
93SX39-T
(M8805/109-03)
0.156 in wide, gold
contacts, 82 °C [180 °F]
1 A
D
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004] 0,13 [0.005] 8,13 [0.32]
411SX21-T
(M8805/106-01)
204 °C [400 °F] for
100 hours
2 A
G
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004] 0,13 [0.005] 8,13 [0.32]
413SX21-T
(M8805/106-02)
204 °C [400 °F] for
100 hours
1 A
L
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004]
0,051
[0.002]
8,13 [0.32]
11SX1-T
Lowest differential travel
3 A
E
0,97 [3.5]
0,21 [0.75] 0,51 [0.02] 0,1 [0.004]
0,025
[0.001]
8,13 [0.32]
11SX21-T
General purpose
5 A
A
0.7 to 1,39
[2.5 to 5]
0,28 [1]
0,51 [0.02] 0,1 [0.004]
0,051
[0.002]
8,13 [0.32]
11SX22-T
General purpose
5 A
A
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004]
0,025
[0.001]
8,13 [0.32]
17SX21-T
Enhanced stability under
varying humidity, 11SX type
5 A
A
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004]
0,051
[0.002]
8,13 [0.32]
1SX1-T
Power-duty switching
7 A
B
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004]
0,13
[0.005]
8,13 [0.32]
1SX12-T
Low differential travel
7 A
C
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004]
0,051
[0.002]
8,13 [0.32]
1SX48-T
Added overtravel
7 A
B
1,39 [5]
0,28 [1]
0,51 [0.02] 0,25 [0.01] 0,13 [0.005] 8,13 [0.32]
2SX1-T
Lower operating force
7 A
B
0,83 [3]
0,28 [1]
0,51 [0.02] 0,1 [0.004] 0,13 [0.005] 8,13 [0.32]
4SX1-T
204 °C [400 °F] for 100
hours
7 A
I
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004] 0,13 [0.005] 8,13 [0.32]
21SX1-T
Enhanced stability under
varying humidity, 1SX type
7 A
B
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004] 0,13 [0.005] 8,13 [0.32]
21SX39-T
(MS24547-1)
MIL-PRF-8805
82 °C [180 °F]
7 A
F
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004] 0,13 [0.005] 8,13 [0.32]
21SX39-T2
(MS24547-4)
MIL-PRF-8805
82 °C [180 °F]
7 A
F
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004] 0,13 [0.005] 8,13 [0.32]
91SX39-T
M8805-109-01
0.156 in wide, 82 °C
[180 °F]
7 A
F
1,39 [5]
0,28 [1]
0,51 [0.02] 0,1 [0.004] 0,13 [0.005] 8,13 [0.32]
* ±0,38 mm [±0.015 in]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com