Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3SX Datasheet(PDF) 10 Page - Honeywell Solid State Electronics Center

Part # 3SX
Description  Premium Subminiature Basic Switches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

3SX Datasheet(HTML) 10 Page - Honeywell Solid State Electronics Center

Back Button 3SX Datasheet HTML 4Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 5Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 6Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 7Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 8Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 9Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 10Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 11Page - Honeywell Solid State Electronics Center 3SX Datasheet HTML 12Page - Honeywell Solid State Electronics Center  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10 sensing.honeywell.com
SX Series
MICRO SWITCH™ JX SERIES AUXILIARY ACTUATORS FOR THE MICRO SWITCH™ SX SERIES
SWITCHES (stainless steel actuators and hardware)
Description
Actuator
length
Operting
Force
max.
Release
Force
min.
Pretravel
max.
Overtravel
min.
Differential
Travel max.
Operating
Point
approx.
Free
Position
ref.
Straight lever
(JX-219
for higher
temperatures)
18,3 mm
[0.72 in]***
0,28 N
[1 oz]
approx.
0,04 N
[0.14 oz]
–
0,76 mm
[0.030 in]
approx.
0,76 mm
[0.030 in]
approx.
10,8 mm
[0.425 in]
12,3 mm
[0.485 in]
Roller lever
(JX-220
for higher
temperatures)
16,5 mm
[0.65 in]***
0,42 N
[1.5 oz]
0,04 N
[0.14 oz]
–
0,51 mm
[0.020 in]
0,76 mm
[0.030 in]
14,9 ,mm
[0.585 in]
168 mm
[0.660 in]
Straight
leaf (JX-95
for higher
temperatures)
9,4 mm
[0.37 in]D
1,95 N
[7 oz]
0,56 N
[2 oz]
5,7 mm
[0.225 in ]
approx.
0,38 mm
[0.015 in]
0,64mm
[0.025 in]
7,5 mm
[0.295 in]
12,3 mm
[0.485 in]
Reverse leaf
9,4 mm
[0.37 in]D
1,67 N
[6 oz]
0,28 N
[1 oz]
2,79 mm
[0.110 in]
approx.
0,38 mm
[0.015 in]
0,64mm
[0.025 in]
7,5 mm
[0.295 in]
9,4 mm
[0.370 in]
Roller leaf
(JX-96 for
higher
temperatures)
6,1 mm
[0.24 in]D
1,95 N
[7 oz]
0,28 N
[1 oz]]
5,7 mm
[0.225 in ]
approx.
0,38 mm
[0.015 in]
0,64mm
[0.025 in]
12,2 mm
[0.48 in]
16,5 mm
[0.650 in]
Reverse roller
leaf
7,6 mm
[0.30 in]D
1,67 N
[6 oz]
0,56 N
[2 oz]
2,79 mm
[0.110 in]
approx.
0,38 mm
[0.015 in]
0,64mm
[0.025 in]
12,8 mm
[0.505 in]
14,7 mm
[0.58 in]
Tandem leaf
7,9 mm
[0.31 in]D
4,17 N
[15 oz]
0,83 N
[3 oz]
1,65 mm
[0.065 in]
approx.
0,20 mm
[0.008 in]
0,76 mm
[0.030 in]
7,6 mm
[0.30 in]
9,40 mm
[0.37 in]
** Switch is mounted with plunger end reversed from JX-40
NOTE: Above actuators should be used below 149 °C [300 °F], except listings JX-95, JX-96, JX-219, and JX-220 are for use
with 4SX1-T to 204 °C [400 °F]
D
Measurement for leaf-style levers is from center of mounting hole
nearest tip of lever to the point indicated on the drawing
*** Measurement for hinge-style levers is from pivot point of the lever
to the end of the lever or center of the lever’s roller
D
***



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com