Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AML11F Datasheet(PDF) 24 Page - Honeywell Solid State Electronics Center

Part # AML11F
Description  AML11 Solid state pushbutton switches
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL [Honeywell Solid State Electronics Center]
Direct Link  http://honeywell.com/Pages/Home.aspx
Logo HONEYWELL - Honeywell Solid State Electronics Center

AML11F Datasheet(HTML) 24 Page - Honeywell Solid State Electronics Center

Back Button AML11F Datasheet HTML 20Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 21Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 22Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 23Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 24Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 25Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 26Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 27Page - Honeywell Solid State Electronics Center AML11F Datasheet HTML 28Page - Honeywell Solid State Electronics Center Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
Honeywell Sensing and Control AML/MML Selection Guide
MML21 Electronic control pushbutton switches*
MML21 (SQUARE) LED, INCANDESCENT, OR NON-LIGHTED DISPLAY ORDER GUIDE
Discount BE
Schedulet Qty.: 25 pieces/listing
Unclass.
Catalog listing codes for switch,
less assembled display options
Example: MML21HR3AAKXXDR
Electronic control pushbutton switch; square housing (black); bezel (black) and mounting
clips; PWB terminals; 1-pole momentary action, silver contacts; black plunger, with red
lens installed.
Housing Type
(Square)
MML21H
Mounting
A
No bezel
(PWB mounting)
R
Black bezel/
mtg. clip
R
Terminals
3
Printed
wiring board
2
Solder
3
MML21H
Black housing
Circuitry Action
(Each pole is double throw)
Silver Contacts
AA
1-pole, mom. action
AB
1 pole, alt. action
Gold Contacts
BA
1-pole, mom. action
BB
1 pole, alt. action
AA
CP-23
Honeywell • Sensing and Control
Availability of options is subject to change without notice
* NOTE: Contact Customer Service for minimum quantity required to establish or reinstate a catalog listing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com